Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6612ACPZ-R7 Datasheet(PDF) 26 Page - Analog Devices

Part # ADRF6612ACPZ-R7
Description  700 MHz to 3000 MHz Dual Passive Receive Mixer with Integrated PLL and VCO
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6612ACPZ-R7 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADRF6612ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 57 page
background image
ADRF6612
Data Sheet
Rev. A | Page 26 of 57
–135
–125
–115
–105
–95
–85
–75
2860
3360
3860
4360
4860
5360
VCO FREQUENCY (MHz)
–40°C LO_DIV = /8
+25°C LO_DIV = /8
+85°C LO_DIV = /8
–40°C LO_DIV = /2
+25°C LO_DIV = /2
+85°C LO_DIV = /2
–40°C LO_DIV = /4
+25°C LO_DIV = /4
+85°C LO_DIV = /4
Figure 78. fPFD Reference Spurs vs. VCO Frequency,
3 × PFD Offset, Measured at LO Output, Integer Mode
–90
–85
–80
–75
–70
–65
–60
1430
1630
1830
2030
2230
2430
2630
2830
LO FREQUENCY (MHz)
–40°C
+25°C
+85°C
Figure 79. fPFD Reference Spurs vs. LO Frequency,
1 × PFD Offset, Measured at LO Output, Fractional Mode
1430
1630
1830
2030
2230
2430
2630
2830
–90
–88
–86
–84
–82
–80
–78
–76
–74
–72
–70
LO FREQUENCY (MHz)
–40°C
+25°C
+85°C
Figure 80. fPFD Reference Spurs vs. LO Frequency,
3 × PFD Offset, Measured at LO Output, Fractional Mode
–135
–125
–115
–105
–95
–85
–75
2860
3360
3860
4360
4860
5360
VCO FREQUENCY (MHz)
–40°C LO_DIV = /8
+25°C LO_DIV = /8
+85°C LO_DIV = /8
–40°C LO_DIV = /2
+25°C LO_DIV = /2
+85°C LO_DIV = /2
–40°C LO_DIV = /4
+25°C LO_DIV = /4
+85°C LO_DIV = /4
Figure 81. fPFD Reference Spurs vs. VCO Frequency,
4 × PFD Offset, Measured at LO Output, Integer Mode
1430
1630
1830
2030
2230
2430
2630
2830
–80
–78
–76
–74
–72
–70
–68
–66
–64
–62
–60
LO FREQUENCY (MHz)
–40°C
+25°C
+85°C
Figure 82. fPFD Reference Spurs vs. LO Frequency,
2 × PFD Offset, Measured at LO Output, Fractional Mode
1430
1630
1830
2030
2230
2430
2630
2830
LO FREQUENCY (MHz)
–90
–88
–86
–84
–82
–80
–78
–76
–40°C
+25°C
+85°C
Figure 83. fPFD Reference Spurs vs. LO Frequency,
4 × PFD Offset, Measured at LO Output, Fractional Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com