Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6612ACPZ-R7 Datasheet(PDF) 47 Page - Analog Devices

Part # ADRF6612ACPZ-R7
Description  700 MHz to 3000 MHz Dual Passive Receive Mixer with Integrated PLL and VCO
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6612ACPZ-R7 Datasheet(HTML) 47 Page - Analog Devices

Back Button ADRF6612ACPZ-R7 Datasheet HTML 43Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 44Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 45Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 46Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 47Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 48Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 49Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 50Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 51Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 57 page
background image
Data Sheet
ADRF6612
Rev. A | Page 47 of 57
Bits
Bit Name
Settings
Description
Reset
Access
[4:2]
CPCTRL
Set charge pump control
0x4
RW
000
Both ON
001
Pump DWN
010
Pump UP
011
Tristate
100
PFD
101
110
111
[1:0]
CLKEDGE
Set PFD edge sensitivity
0x0
RW
00
Div and REF DWN edge
01
Div DWN edge, REF UP edge
10
Div UP edge, REF DWN edge
11
Div and REF UP edge
Address: 0x42, Reset: 0x000E, Name: DITH_CTRL1
Table 37. Bit Descriptions for DITH_CTRL1
Bits
Bit Name
Settings
Description
Reset
Access
[15:4]
UNUSED
Unused register bits
0x0
RW
3
DITH_EN
Set dither enable
0x1
RW
0
Disable
1
Enable
[2:1]
DITH_MAG
Dither magnitude
0x3
RW
0
DITH_VAL_H
High bit of 17 bit dither value
0x0
RW
Address: 0x43, Reset: 0x0001, Name: DITH_CTRL2
Table 38. Bit Descriptions for DITH_CTRL2
Bits
Bit Name
Settings
Description
Reset
Access
[15:0]
DITH_VAL_L
Low 16 bits of 17 bit dither value
0x1
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com