Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6612ACPZ-R7 Datasheet(PDF) 50 Page - Analog Devices

Part # ADRF6612ACPZ-R7
Description  700 MHz to 3000 MHz Dual Passive Receive Mixer with Integrated PLL and VCO
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6612ACPZ-R7 Datasheet(HTML) 50 Page - Analog Devices

Back Button ADRF6612ACPZ-R7 Datasheet HTML 46Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 47Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 48Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 49Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 50Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 51Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 52Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 53Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 54Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 57 page
background image
ADRF6612
Data Sheet
Rev. A | Page 50 of 57
Address: 0x49, Reset: 0x0000, Name: VTUNE_DAC_CTRL
Table 44. Bit Descriptions for VTUNE_DAC_CTRL
Bits
Bit Name
Settings
Description
Reset
Access
[15:14]
UNUSED
Unused
0x0
RW
[13:9]
VTUNE_DAC_SLOPE
Set VTUNE PTAT DAC
0x0
RW
[8:0]
VTUNE_DAC_OFFSET
Set VTUNE ZTAT DAC
0x0
RW
Address: 0x4A, Reset: 0x0000, Name: VCO_BUF_LDO
Table 45. Bit Descriptions for VCO_BUF_LDO
Bits
Bit Name
Settings
Description
Reset
Access
[15:8]
UNUSED
Unused
0x0
RW
[7:4]
VCOBUF_LDO_R4
VCOBUF LDO R4 control
0x0
RW
[3:0]
VCOBUF_LDO_R2
VCOBUF LDO R2 control
0x0
RW
Address: 0x7C, Reset: 0x0000, Name: VARIATION1
Table 46. Bit Descriptions for VARIATION1
Bits
Bit Name
Settings
Description
Reset
Access
15
IS_RESET
IS reset
0x0
R
14
VCO_SW_CAL
VCO switch calibration
0x0
R
[13:8]
VARIANT
Experimental variant
0x0
R
[7:4]
BE_VER
Back end of line revision
0x0
R
[3:0]
FE_VER
Front end of line revision
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com