Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6612ACPZ-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADRF6612ACPZ-R7
Description  700 MHz to 3000 MHz Dual Passive Receive Mixer with Integrated PLL and VCO
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6612ACPZ-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADRF6612ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 57 page
background image
Data Sheet
ADRF6612
Rev. A | Page 17 of 57
–64
–60
–56
–52
–48
–44
–40
–36
–32
–28
–24
–20
–16
–12
–8
–4
0
300 500 700 900 1100 1300 1500 1700 1900 2100 2300 2500 2700
LO FREQUENCY (MHz)
TA = –40°C
TA = +25°C
TA = +85°C
3 × LO TO IF
3 × LO TO RF
Figure 28. 3 × LO Leakage vs. LO Frequency
(3 × LO to RF and 3 × LO to IF)
RF FREQUENCY (MHz)
–35
–30
–25
–20
–15
–10
–5
0
500
1000
1500
2000
2500
3000
HIGH-SIDE LO
LOW-SIDE LO
Figure 29. RF Port Return Loss, Fixed IF LO Return Loss
–30
–25
–20
–15
–10
–5
0
100
600
1100
1600
2100
2600
FREQUENCY (MHz)
Figure 30. LO Return Loss
100
7.70
7.75
7.80
7.85
7.90
7.95
CONVERSION GAIN (dB)
8.00
8.05
8.10
80
60
40
20
0
MEAN: 7.94
SD: 0.07%
Figure 31. Conversion Gain Distribution
MEAN: 31.23
SD: 0.34%
100
27
28
29
30
INPUT IP3 (dBm)
31
32
35
34
33
80
60
40
20
0
Figure 32. Input IP3 Distribution
MEAN: 10.59
SD: 0.39%
100
10.0
10.1
10.2
10.3
10.4
10.5
INPUT P1dB (dBm)
10.6
10.7
11.0
10.9
10.8
80
60
40
20
0
Figure 33. Input P1dB Distribution



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com