Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6612ACPZ-R7 Datasheet(PDF) 33 Page - Analog Devices

Part # ADRF6612ACPZ-R7
Description  700 MHz to 3000 MHz Dual Passive Receive Mixer with Integrated PLL and VCO
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6612ACPZ-R7 Datasheet(HTML) 33 Page - Analog Devices

Back Button ADRF6612ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 30Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 31Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 32Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 33Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 34Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 35Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 36Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 57 page
background image
Data Sheet
ADRF6612
Rev. A | Page 33 of 57
The following equations can be used to determine the N value and
the PLL frequency:
N
f
f
VCO
PFD
×
=
2
MOD
FRAC
INT
N
+
=
LO_DIVIDER
N
f
f
PFD
LO
×
×
=
2
where:
fPFD is the phase frequency detector frequency.
fVCO is the voltage controlled oscillator frequency.
N is the fractional divide ratio.
INT is the integer divide ratio programmed in Register 0x02.
FRAC is the fractional divide ratio programmed in Register 0x03.
MOD is the modulus divide ratio programmed in Register 0x04.
fLO is the LO frequency going to the mixer core when the loop is
locked.
LO_DIVIDER is the final divider block that divides the VCO
frequency down by 1, 2, 4, or 8 before it reaches the mixer
(see Table 20). This control is located in the LO_DIV bits
(Register 0x22, Bits[5:3]).
Table 20. LO Divider
LO_DIV (Register 0x22, Bits[5:3])
LO_DIVIDER
00
1
01
2
10
4
11
8
The lock detect signal is available as one of the selectable outputs
through the MUXOUT pin; a logic high indicates that the loop is
locked. The MUXOUT pin is controlled by the REF_MUX_SEL
bits (Register 0x21, Bits[14:13]); the PLL lock detect signal is the
default configuration.
To ensure that the PLL locks to the desired frequency, follow the
proper write sequence of the PLL registers. The PLL registers must
be configured accordingly to achieve the desired frequency, and the
last writes must be to Register 0x02 (INT_DIV in Table 25),
Register 0x03 (FRAC_DIV in Table 25), or Register 0x04
(MOD_DIV in Table 25). When one of these registers is
programmed, an internal VCO calibration is initiated, which is
the last step in locking the PLL.
The time it takes to lock the PLL after the last register is written
can be broken down into two parts: VCO band calibration and
loop settling.
After the last register is written, the PLL automatically performs
a VCO band calibration to choose the correct VCO band. This
calibration takes approximately 5120 PFD cycles. For a 40 MHz
fPFD, this corresponds to 128 µs. After calibration is complete, the
feedback action of the PLL causes the VCO to eventually lock to
the correct frequency. The speed with which this locking occurs
depends on the nonlinear cycle-slipping behavior, as well as the
small-signal settling of the loop. For an accurate estimation of
the lock time, download the ADIsimPLL™ tool, which correctly
captures these effects. In general, higher bandwidth loops tend
to lock faster than lower bandwidth loops.
Additional LO Controls
To access the LO signal going to the mixer core through the
LOOUT+ and LOOUT− pins (Pin 13 and Pin 14), enable the
LO_DRV_EN bit in Register 0x01, Bit 7. This setting offers direct
monitoring of the LO signal to the mixer for debug purposes; or the
LO signal can be used to daisy-chain many devices synchronously.
One ADRF6612 can serve as the master where the LO signal is
sourced, and the subsequent slave devices share the same LO signal
from the master. This flexibility substantially eases the LO
requirements of a system with multiple LOs.
The LO output drive level is controlled by the LO_DRV_LVL bits
(Register 0x22, Bits[7:6]). Table 21 shows the available drive levels.
Table 21. LO Drive Levels
LO_DRV_LVL (Register 0x22, Bits[7:6])
Amplitude (dBm)
00
−4
01
0.5
10
3
11
4.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com