Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6612ACPZ-R7 Datasheet(PDF) 22 Page - Analog Devices

Part # ADRF6612ACPZ-R7
Description  700 MHz to 3000 MHz Dual Passive Receive Mixer with Integrated PLL and VCO
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6612ACPZ-R7 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADRF6612ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 57 page
background image
ADRF6612
Data Sheet
Rev. A | Page 22 of 57
MIXER, HIGH EFFICIENCY MODE
TA = 25°C, fRF = 1900 MHz, fLO = 1697 MHz, ZO = 50 Ω, fREF = 122.88 MHz, fREF power = 4 dBm, fPFD = 1.536 MHz, low-side LO injection,
optimum RFB and LPF settings, unless otherwise noted.
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
700
900 1100 1300 1500 1700 1900 2100 2300 2500 2700 2900
RF FREQUENCY (MHz)
TA = –40°C, HIGH-SIDE LO
TA = 25°C, HIGH-SIDE LO
TA = 85°C, HIGH-SIDE LO
TA = –40°C, LOW-SIDE LO
TA = 25°C, LOW-SIDE LO
TA = 85°C, LOW-SIDE LO
Figure 54. Power Dissipation vs. RF Frequency over Three Temperatures
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
7.0
7.5
8.0
8.5
9.0
9.5
10.0
10.5
11.0
11.5
12.0
700
900 1100 1300 1500 1700 1900 2100 2300 2500 2700 2900
RF FREQUENCY (MHz)
TA = –40°C, HIGH_LO
TA = +25°C,HIGH_LO
TA = +85°C, HIGH_LO
TA = –40°C, LOW_LO
TA = +25°C, LOW_LO
TA = +85°C, LOW_LO
Figure 55. Conversion Gain vs. RF Frequency over Three Temperatures
RF FREQUENCY (MHz)
5
7
9
11
13
15
17
19
21
23
25
27
29
31
33
35
700
900 1100 1300 1500 1700 1900 2100 2300 2500 2700 2900
TA = –40°C, HIGH-SIDE LO
TA = +25°C, HIGH-SIDE LO
TA = +85°C, HIGH-SIDE LO
TA = –40°C, LOW-SIDE LO
TA = +25°C, LOW-SIDE LO
TA = +85°C, LOW-SIDE LO
Figure 56. Input IP3 vs. RF Frequency over Three Temperatures
30
35
40
45
50
55
60
65
70
700
900 1100 1300 1500 1700 1900 2100 2300 2500 2700 2900
RF FREQUENCY (MHz)
TA = –40°C, HIGH-SIDE LO
TA = +25°C, HIGH-SIDE LO
TA = +85°C, HIGH-SIDE LO
TA = –40°C, LOW-SIDE LO
TA = +25°C, LOW-SIDE LO
TA = +85°C, LOW-SIDE LO
Figure 57. Input IP2 vs. RF Frequency over Three Temperatures
3
4
5
6
7
8
9
10
11
12
13
700
900 1100 1300 1500 1700 1900 2100 2300 2500 2700 2900
RF FREQUENCY (MHz)
TA = –40°C, HIGH-SIDE LO
TA = +25°C, HIGH-SIDE LO
TA = +85°C, HIGH-SIDE LO
TA = –40°C, LOW-SIDE LO
TA = +25°C, LOW-SIDE LO
TA = +85°C, LOW-SIDE LO
Figure 58. Input P1dB vs. RF Frequency over Three Temperatures
8
9
10
11
12
13
14
15
16
17
18
700
900 1100 1300 1500 1700 1900 2100 2300 2500 2700 2900
RF FREQUENCY (MHz)
–40°C LOCKED
–40°C EXTERNAL LO
+25°C LOCKED
+25°C EXTERNAL LO
+85°C LOCKED
+85°C EXTERNAL LO
Figure 59. SSB Noise Figure vs. RF Frequency over Three Temperatures



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com