Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6612ACPZ-R7 Datasheet(PDF) 37 Page - Analog Devices

Part # ADRF6612ACPZ-R7
Description  700 MHz to 3000 MHz Dual Passive Receive Mixer with Integrated PLL and VCO
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6612ACPZ-R7 Datasheet(HTML) 37 Page - Analog Devices

Back Button ADRF6612ACPZ-R7 Datasheet HTML 33Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 34Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 35Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 36Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 37Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 38Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 39Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 40Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 57 page
background image
Data Sheet
ADRF6612
Rev. A | Page 37 of 57
MIXER OPTIMIZATION
RF INPUT BALUN INSERTION LOSS OPTIMIZATION
At lower input frequencies, more capacitance is needed. This
increase is achieved by programming higher codes into
BAL_COUT. At high frequencies, less capacitance is required;
therefore, lower BAL_COUT codes are appropriate.
As shown in Figure 96 and Figure 97, this tuning range can be
further optimized by adding capacitance across the RF input in
conjunction with tuning BAL_COUT. This can help to increase
the low frequency range of the device significantly.
–20
–18
–16
–14
–12
–10
–8
–6
–4
–2
0
500
900
1300
1700
2100
2500
2900
RF FREQUENCY (MHz)
NO CAP
1pF
2pF
3.3pF
4pF
5.6pF
6.8pF
Figure 96. Return Loss; Optimum COUT vs. Tuning Capacitor on RFIN Using a
High Side LO
–20
–18
–16
–14
–12
–10
–8
–6
–4
–2
0
500
900
1300
1700
2100
2500
2900
RF FREQUENCY (MHz)
NO CAP
1pF
2pF
3.3pF
4pF
5.6pF
6.8pF
Figure 97. Return Loss; Optimum COUT vs. Tuning Capacitor on RFIN Using a
Low Side LO
IIP3 OPTIMIZATION
In applications in which performance is critical, the ADRF6612
offers IIP3 optimization. The IF amplifier bias current can be
reduced to trade performance vs. power consumption. This saves
on the overall power at the expense of degraded performance.
Figure 98 to Figure 101 show the IIP3 sweeps for all combinations
of IFA main bias and linearity bias. The IIP3 vs. IFA main bias and
linearity bias figures show both a surface and a contour plot in one
figure. The contour plot is located directly underneath the surface
plot. The best approach for reading the figure is to localize the
peaks on the surface plot, which indicate maximum IIP3, and to
follow the same color pattern to the contour plot to determine the
optimized IFA main bias and linearity bias settings.
0
5
10
15
20
25
30
35
0
2
4
6
8
10
12
14
16
IFA_MAIN
IFA_LIN = 0
IFA_LIN = 1
IFA_LIN = 2
IFA_LIN = 3
IFA_LIN = 4
IFA_LIN = 5
IFA_LIN = 6
IFA_LIN = 7
IFA_LIN = 8
IFA_LIN = 9
IFA_LIN = 10
IFA_LIN = 11
IFA_LIN = 12
IFA_LIN = 13
IFA_LIN = 14
Figure 98. IIP3 vs. Main (IFA_MAIN) and Linearity Bias (IFA_LIN) Level
at IF Frequency = 50 MHz
0
5
10
15
20
25
30
35
0
2
4
6
8
10
12
14
16
IFA_MAIN
IFA_LIN = 0
IFA_LIN = 1
IFA_LIN = 2
IFA_LIN = 3
IFA_LIN = 4
IFA_LIN = 5
IFA_LIN = 6
IFA_LIN = 7
IFA_LIN = 8
IFA_LIN = 9
IFA_LIN = 10
IFA_LIN = 11
IFA_LIN = 12
IFA_LIN = 13
IFA_LIN = 14
Figure 99. IIP3 vs. Main (IFA_MAIN) and Linearity Bias (IFA_LIN) Level
at IF Frequency = 100 MHz
0
5
10
15
20
25
30
35
0
2
4
6
8
10
12
14
16
IFA_MAIN
IFA_LIN = 0
IFA_LIN = 1
IFA_LIN = 2
IFA_LIN = 3
IFA_LIN = 4
IFA_LIN = 5
IFA_LIN = 6
IFA_LIN = 7
IFA_LIN = 8
IFA_LIN = 9
IFA_LIN = 10
IFA_LIN = 11
IFA_LIN = 12
IFA_LIN = 13
IFA_LIN = 14
Figure 100. IIP3 vs. Main (IFA_MAIN) and Linearity Bias (IFA_LIN) Level
at IF Frequency = 150 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com