Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6612ACPZ-R7 Datasheet(PDF) 31 Page - Analog Devices

Part # ADRF6612ACPZ-R7
Description  700 MHz to 3000 MHz Dual Passive Receive Mixer with Integrated PLL and VCO
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6612ACPZ-R7 Datasheet(HTML) 31 Page - Analog Devices

Back Button ADRF6612ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 30Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 31Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 32Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 33Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 34Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 57 page
background image
Data Sheet
ADRF6612
Rev. A | Page 31 of 57
CIRCUIT DESCRIPTION
The ADRF6612 consists of two primary components: the RF
subsystem and the LO subsystem. The combination of design,
process, and packaging technology allows the functions of these
subsystems to be integrated into a single die, using mature
packaging and interconnection technologies to provide a high
performance device with excellent electrical, mechanical, and
thermal properties. The wideband frequency response and
flexible frequency programming simplifies the receiver design,
saves on-board space, and minimizes the need for external
components.
The RF subsystem consists of an integrated, tunable, low loss RF
balun, a double balanced, passive MOSFET mixer, a tunable sum
termination network, and an IF amplifier.
The LO subsystem consists of a multistage, limiting LO amplifier.
The purpose of the LO subsystem is to provide a large, fixed
amplitude, balanced signal to drive the mixer independent of
the level of the LO input. A schematic of the device is shown in
Figure 94.
RF SUBSYSTEM
The single-ended, 50 Ω RF input is internally transformed to a
balanced signal using a tunable, low loss, unbalanced-to-balanced
(balun) transformer. This transformer is made possible by an
extremely low loss metal stack, which provides both excellent
balance and dc isolation for the RF port. Although the port can
be dc connected, it is recommended to use a blocking capacitor to
avoid running excessive dc current through the device. The RF
balun can easily support an RF input frequency range of
700 MHz to 3000 MHz. This balun is tuned over the frequency
range by a SPI controlled switched capacitor network at the
output of the RF balun.
The resulting balanced RF signal is applied to a passive mixer
that commutates the RF input in accordance with the output of the
LO subsystem. The passive mixer is a balanced, low loss switch
that adds minimum noise to the frequency translation. The only
noise contribution from the mixer is due to the resistive loss of the
switches, which is in the order of a few ohms.
The IF amplifier is a balanced feedback design that simultaneously
provides the desired gain, noise figure, and input impedance
that is required to achieve the overall performance. The balanced
open-collector output of the IF amplifier, with an impedance
modified by the feedback within the amplifier, permits the
output to be connected directly to a high impedance filter, a
differential amplifier, or an analog-to-digital converter (ADC)
input while providing optimum second-order intermodulation
suppression. The differential output impedance of the IF amplifier
is approximately 200 Ω. If operation in a 50 Ω system is desired,
the output can be transformed to 50 Ω by using a 4:1 transformer
or an LC impedance matching network.
EXTERNAL LO GENERATION
The ADRF6612 LO can be generated by an externally applied
source or by using the internal PLL synthesizer.
To select the external LO mode, write the value 011 to
Register 0x22, Bits[2:0] and apply the differential LO signal to
Pin 4 (EXTVCOIN+) and Pin 5 (EXTVCOIN−).
Internal dividers allow the externally applied LO signal to be
divided before this signal arrives at the mixer LO input. The
divider value is set by Register 0x21, Bits[5:3] and has possible
values of 1, 2, 4, and 8. With the divider set to 1, the externally
applied LO input frequency range is 250 MHz to 2850 MHz.
When using a divider value of other than 1, the maximum
externally applied LO frequency is 5700 MHz.
The external LO input pins present a broadband differential 50 Ω
input impedance. The EXTVCOIN+ and EXTVCOIN− input
pins must be ac-coupled. When not in use, EXTVCOIN+ and
EXTVCOIN− can be left unconnected.
INTERNAL LO GENERATION
Reference Input Circuitry
The ADRF6612 includes an on-chip PLL for LO synthesis. The
PLL, shown in Figure 93, consists of a reference input and input
dividers, a PFD, a charge pump, VCOs, and a programmable
fractional/integer divider with a 2× prescaler.
The reference path takes in a reference clock and divides it by a
factor of 1 to 8191 before passing it to the PFD. The PFD
compares this signal to the divided down signal from the VCO.
Depending on the PFD polarity selected, the PFD sends an up or
down signal to the charge pump if the VCO signal is slow or fast
compared to the reference frequency. The charge pump sends
a current pulse to the off-chip loop filter to increase or decrease
the tuning voltage (VCOVTUNE).
In band (within the band of the loop filter) phase noise
performance is typically limited by the reference source. Due to
the inherent phase noise reduction when performing frequency
division, improved in band phase noise performance can be
achieved with higher reference divide values. However, the
divide chain adds its own small amount of phase noise, so there
is a limit on how much improvement can be gained by
increasing the divider value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com