Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6612ACPZ-R7 Datasheet(PDF) 27 Page - Analog Devices

Part # ADRF6612ACPZ-R7
Description  700 MHz to 3000 MHz Dual Passive Receive Mixer with Integrated PLL and VCO
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6612ACPZ-R7 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADRF6612ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 30Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 57 page
background image
Data Sheet
ADRF6612
Rev. A | Page 27 of 57
–140
–120
–100
–80
–60
–40
–20
0
1430
1630
1830
2030
2230
2430
2630
2830
LO FREQUENCY (MHz)
IF AT –40°C
IF AT +25°C
IF AT +85°C
LO AT –40°C
LO AT +25°C
LO AT +85°C
Figure 84. fPFD Reference Spurs vs. LO Frequency, Divide by Two Selected, 1 × PFD
Offset, Measured on LO Output and IF Output
–12
–10
–8
–6
–4
–2
0
2
4
3
8
10
350
850
1350
1850
2350
2850
LO FREQUENCY (MHz)
LO_DRV_LVL = 0 AT –40°C
LO_DRV_LVL = 0 AT +25°C
LO_DRV_LVL = 0 AT +85°C
LO_DRV_LVL = 1 AT –40°C
LO_DRV_LVL = 1 AT +25°C
LO_DRV_LVL = 1 AT +85°C
LO_DRV_LVL = 2 AT –40°C
LO_DRV_LVL = 2 AT +25°C
LO_DRV_LVL = 2 AT +85°C
LO_DRV_LVL = 3 AT –40°C
LO_DRV_LVL = 3 AT +25°C
LO_DRV_LVL = 3 AT +85°C
Figure 85. LO Amplitude vs. LO Frequency, LO_DRV_LVL = 0, 1, 2, and 3
125
135
145
155
165
175
185
195
205
215
225
350
850
1350
1850
2350
2850
LO FREQUENCY (MHz)
LO_DRV_LVL = 0 AT –40°C
LO_DRV_LVL = 0 AT +25°C
LO_DRV_LVL = 0 AT +85°C
LO_DRV_LVL = 1 AT –40°C
LO_DRV_LVL = 1 AT +25°C
LO_DRV_LVL = 1 AT +85°C
LO_DRV_LVL = 2 AT –40°C
LO_DRV_LVL = 2 AT +25°C
LO_DRV_LVL = 2 AT +85°C
LO_DRV_LVL = 3 AT –40°C
LO_DRV_LVL = 3 AT +25°C
LO_DRV_LVL = 3 AT +85°C
Figure 86. Supply Current for VCC7 vs. LO Frequency,
LO_DRV_LVL = 0, 1, 2, and 3
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
700
900 1100 1300 1500 1700 1900 2100 2300 2500 2700 2900
RF FREQUENCY (MHz)
Figure 87. RF to LO Output Feedthrough, LO_DRV_LVL = 0
1480
1485
1490
1495
1500
1505
1510
1515
1520
0
10
20
30
40
50
60
70
80
90
100
LOCK TIME (ms)
Figure 88. LO Frequency Settling Time, Integer Mode Loop Filter,
Integer Mode
1480
1485
1490
1495
1500
1505
1510
1515
1520
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
LOCK TIME (ms)
Figure 89. LO Frequency Settling Time, Fractional Loop Filter, Fractional Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com