Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6612ACPZ-R7 Datasheet(PDF) 30 Page - Analog Devices

Part # ADRF6612ACPZ-R7
Description  700 MHz to 3000 MHz Dual Passive Receive Mixer with Integrated PLL and VCO
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6612ACPZ-R7 Datasheet(HTML) 30 Page - Analog Devices

Back Button ADRF6612ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 30Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 31Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 32Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 33Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 57 page
background image
ADRF6612
Data Sheet
Rev. A | Page 30 of 57
High Efficiency Mode
VS = high efficiency mode, TA = 25°C, ZO = 50 Ω, fREF = 122.88 MHz, fREF power = 4 dBm, fPFD = 1.536 MHz, low-side LO injection,
optimum RFB and LPF settings, unless otherwise noted.
Table 14. RF = 900 MHz, LO = 697 MHz
M
0
1
2
3
4
5
6
7
8
9
N
0
−30.4
−34.1
−46.7
−29.6
−57.4
−51.2
−74.7
−62.7
1
−37.7
0.0
−52.6
−19.2
−61.6
−44.3
−64.0
−53.6
−91.8
−73.2
2
−70.3
−66.4
−68.8
−71.9
−59.9
−93.0
−67.8
<−100
−79.0
<−100
3
−86.4
−81.0
−96.4
−74.7
<−100
−85.0
<−100
<−100
<−100
<−100
4
<−100
<−100
−97.9
<−100
<−100
<−100
<−100
<−100
<−100
<−100
5
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100
6
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100
7
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100
8
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100
9
<−100
<−100
<−100
<−100
<−100
<−100
Table 15. RF = 1900 MHz, LO = 1697 MHz
M
0
1
2
3
4
5
6
7
8
9
N
0
−41.4
−35.1
−69.0
1
−30.5
0.0
−46.9
−52.2
−74.4
2
−71.5
−67.7
−74.6
−71.3
−63.6
<−100
3
<−100
<−100
−89.9
−67.7
<−100
<−100
<−100
4
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100
5
<−100
<−100
<−100
<−100
<−100
<−100
<−100
6
<−100
<−100
<−100
<−100
<−100
<−100
7
<−100
<−100
<−100
<−100
<−100
8
<−100
<−100
<−100
<−100
9
<−100
<−100
<−100
Table 16. RF = 2500 MHz, LO = 2297 MHz
M
0
1
2
3
4
5
6
7
8
9
N
0
−42.3
−48.6
1
−29.1
0.0
−48.6
−59.4
2
−75.6
−88.8
−71.6
−70.8
−77.0
3
−59.4
−86.2
−66.9
<−100
<−100
4
−77.0
<−100
<−100
<−100
<−100
5
<−100
<−100
<−100
<−100
<−100
<−100
6
<−100
<−100
<−100
<−100
<−100
<−100
7
<−100
<−100
<−100
<−100
8
<−100
<−100
<−100
9
<−100
<−100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com