Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6612ACPZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADRF6612ACPZ-R7
Description  700 MHz to 3000 MHz Dual Passive Receive Mixer with Integrated PLL and VCO
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6612ACPZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADRF6612ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 57 page
background image
Data Sheet
ADRF6612
Rev. A | Page 15 of 57
2.10
2.15
2.20
2.25
2.30
2.35
2.40
2.45
2.50
2.55
40
80
120
160
200
240
280
320
360
400
440
480
IF FREQUENCY (MHz)
RF = 2500MHz, LOW-SIDE LO
RF = 2500MHz, HIGH-SIDE LO
RF = 1900MHz, LOW-SIDE LO
RF = 1900MHz, HIGH-SIDE LO
RF = 900MHz, LOW-SIDE LO
RF = 900MHz, HIGH-SIDE LO
Figure 16. Power Dissipation vs. IF Frequency for Three RF Frequencies
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
7.0
7.5
8.0
8.5
9.0
9.5
10.0
40
80
120
160
200
240
280
320
360
400
440
480
IF FREQUENCY (MHz)
RF = 900MHz, LOW-SIDE LO
RF = 1900MHz, LOW-SIDE LO
RF = 2500MHz, LOW-SIDE LO
RF = 900MHz, HIGH-SIDE LO
RF = 1900MHz, HIGH-SIDE LO
RF = 2500MHz, HIGH-SIDE LO
Figure 17. Power Conversion Gain vs. IF Frequency for Three RF Frequencies
10
12
14
16
18
20
22
24
26
28
30
32
34
36
40
80
120
160
200
240
280
320
360
400
440
480
IF FREQUENCY (MHz)
RF = 900MHz, LOW-SIDE LO
RF = 1900MHz, LOW-SIDE LO
RF = 2500MHz, LOW-SIDE LO
RF = 900MHz, HIGH-SIDE LO
RF = 1900MHz, HIGH-SIDE LO
RF = 2500MHz, HIGH-SIDE LO
Figure 18. Input IP3 vs. IF Frequency for Three RF Frequencies
30
35
40
45
50
55
60
65
70
75
80
85
40
80
120
160
200
240
280
320
360
400
440
480
IF FREQUENCY (MHz)
RF = 900MHz, LOW-SIDE LO
RF = 1900MHz, LOW-SIDE LO
RF = 2500MHz, LOW-SIDE LO
RF = 900MHz, HIGH-SIDE LO
RF = 1900MHz, HIGH-SIDE LO
RF = 2500MHz, HIGH-SIDE LO
Figure 19. Input IP2 vs. IF Frequency for Three RF Frequencies
5
6
7
8
9
10
11
12
13
14
15
40
80
120
160
200
240
280
320
360
400
440
480
IF FREQUENCY (MHz)
RF = 900MHz, LOW-SIDE LO
RF = 1900MHz, LOW-SIDE LO
RF = 2500MHz, LOW-SIDE LO
RF = 900MHz, HIGH-SIDE LO
RF = 1900MHz, HIGH-SIDE LO
RF = 2500MHz, HIGH-SIDE LO
Figure 20. Input P1dB vs. IF Frequency for Three RF Frequencies
8
9
10
11
12
13
14
15
16
17
18
50
100
150
200
250
300
350
400
450
IF FREQUENCY (MHz)
–40°C, LOW SIDE LO
–40°C, HIGH-SIDE LO
+25°C, LOW SIDE LO
+25°C, HIGH-SIDE LO
+85°C, LOW SIDE LO
+85°C, HIGH-SIDE LO
Figure 21. SSB Noise Figure vs. IF Frequency for Three RF Frequencies



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com