Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6612ACPZ-R7 Datasheet(PDF) 23 Page - Analog Devices

Part # ADRF6612ACPZ-R7
Description  700 MHz to 3000 MHz Dual Passive Receive Mixer with Integrated PLL and VCO
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6612ACPZ-R7 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADRF6612ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 57 page
background image
Data Sheet
ADRF6612
Rev. A | Page 23 of 57
SYNTHESIZER
VS = high performance mode, TA = 25°C, measured on LO output, fLO = 1700 MHz, ZO = 50 Ω, fREF = 122.88 MHz, fPFD = 1.536 MHz, fREF
power = 4 dBm, integer mode loop filter, unless otherwise noted.
–180
–160
–140
–120
–100
–80
–60
–40
1k
10k
100k
1M
10M
100M
OFFSET FREQUENCY (Hz)
Figure 60. VCO_0 Open-Loop Phase Noise vs. Offset Frequency,
fVCO_0 = 5.1 GHz, Divide by Two Selected, VCOVTUNE = 1.5 V
1k
10k
100k
1M
10M
100M
–180
–160
–140
–120
–100
–80
–60
–40
OFFSET FREQUENCY (Hz)
Figure 61. VCO_1 Open-Loop Phase Noise vs. Offset Frequency,
fVCO_1 = 4.5 GHz, Divide by Two Selected, VCOVTUNE = 1.5 V
1k
10k
100k
1M
10M
100M
–180
–160
–140
–120
–100
–80
–60
–40
OFFSET FREQUENCY (Hz)
Figure 62. VCO_2 Open-Loop Phase Noise vs. Offset Frequency,
fVCO_2 = 3.8 GHz, Divide by Two Selected, VCOVTUNE = 1.5 V
–160
–150
–140
–130
–120
–110
–100
–90
–80
–70
–60
0.001
0.01
0.1
1
10
100
OFFSET FREQUENCY (MHz)
LO_DIV = /2
LO_DIV = /4
LO_DIV = /8
Figure 63. VCO_0 Closed-Loop Phase Noise for Various LO_DIV Dividers vs.
Offset Frequency, fVCO_0 = 5.1 GHz
–160
–150
–140
–130
–120
–110
–100
–90
–80
–70
–60
0.001
0.01
0.1
1
10
100
OFFSET FREQUENCY (MHz)
LO_DIV = /2
LO_DIV = /4
LO_DIV = /8
Figure 64. VCO_1 Closed-Loop Phase Noise for Various LO_DIV Dividers vs.
Offset Frequency, fVCO_1 = 4.5 GHz
–160
–150
–140
–130
–120
–110
–100
–90
–80
–70
–60
0.001
0.01
0.1
1
10
100
OFFSET FREQUENCY (MHz)
LO_DIV = /2
LO_DIV = /4
LO_DIV = /8
Figure 65. VCO_2 Closed-Loop Phase Noise for Various LO_DIV Dividers vs.
Offset Frequency, fVCO_2 = 3.8 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com