Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6612ACPZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADRF6612ACPZ-R7
Description  700 MHz to 3000 MHz Dual Passive Receive Mixer with Integrated PLL and VCO
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6612ACPZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADRF6612ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADRF6612ACPZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 57 page
background image
ADRF6612
Data Sheet
Rev. A | Page 8 of 57
LOGIC INPUT AND POWER SPECIFICATIONS
TA = 25°C, fRF = 1900 MHz, fLO = 1697 MHz, ZO = 50 Ω, fREF = 122.88 MHz, fREF power = 4 dBm, fPFD = 1.536 MHz, low-side LO injection,
optimum RFB and LPF settings, unless otherwise noted.
Table 6.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
LOGIC INPUTS
SCLK, SDIO, CS
Input High Voltage, VIH
1.4
3.3
V
Input Low Voltage, VIL
0
0.7
V
Input Current, IINH/IINL
0.1
µA
POWER SUPPLIES
High Performance Mode
Voltage Range
VCC3, VCC4, VCC5, VCC6, VCC8,
VCC9, VCC10, VCC11, IFOUT1+,
IFOUT1−, IFOUT2+, IFOUT2−
4.75
5
5.25
V
VCC12, VCC7, VCC2, VCC1
3.55
3.7
5.25
V
Power Dissipation
Internal LO mode (internal PLL)
External LO output enabled
2.7
W
External LO output disabled
2.5
W
High Efficiency Mode
Voltage Range
VCC1, VCC2, VCC3, VCC4, VCC5,
VCC6, VCC7, VCC8, VCC9, VCC10,
VCC11,VCC12, IFOUT1+, IFOUT1−,
IFOUT2+, IFOUT2−
3.55
3.7
3.85
V
Power Dissipation
Internal LO mode (internal PLL)
External LO output enabled
2.0
W
External LO output disabled
1.8
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com