Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1925 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # DS1925
Description  iButton High-Capacity Temperature Logger with 122KB Data-Log Memory
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1925 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button DS1925 Datasheet HTML 2Page - Maxim Integrated Products DS1925 Datasheet HTML 3Page - Maxim Integrated Products DS1925 Datasheet HTML 4Page - Maxim Integrated Products DS1925 Datasheet HTML 5Page - Maxim Integrated Products DS1925 Datasheet HTML 6Page - Maxim Integrated Products DS1925 Datasheet HTML 7Page - Maxim Integrated Products DS1925 Datasheet HTML 8Page - Maxim Integrated Products DS1925 Datasheet HTML 9Page - Maxim Integrated Products DS1925 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 46 page
background image
Detailed Description
The DS1925 is an ideal device to monitor for extended
time periods the temperature of any object it is attached to
or shipped with, such as fresh produce, medical drugs, and
supplies, and for use in refrigerators and freezers. Note
that the initial sealing level of the DS1925 achieves IP56.
Aging and use conditions can degrade the integrity of the
seal over time, so for applications with significant expo-
sure to liquids, sprays, or other similar environments, it is
recommended to place the DS1925 in the DS9107 iButton
capsule. The DS9107 provides a watertight enclosure that
has been rated to IP68 (refer to
Application Note 4126:
Understanding the IP (Ingress Protection) Ratings
of iButton Data Loggers and Capsule). Software for
setup and data retrieval through the 1-Wire interface is
available for free download from the Maxim website at
www.maximintegrated.com/1-wiredrivers. This soft-
ware also includes drivers for the serial and USB port of a
PC, and routines to access the general-purpose memory
for storing application- or equipment-specific data files.
Overview
Figure 1 shows the relationships between the DS1925’s
major control and memory sections. The device has five
main data components: 1) 64-bit lasered ROM, 2) 256-bit
scratchpad, 3) 512-byte general-purpose memory, 4) two
256-bit register pages of timekeeping, control, status, and
counter registers and passwords, and 5) 122KB of data-
logging memory. Except for the ROM and the scratchpad,
all other memory is arranged in a single linear address
space. The data-logging memory, counter registers, and
several other registers are read-only for the user. Both
register pages are write-protected while the device is
programmed for a mission. The password registers, one
for a read password and another one for a read/write
password, can only be written, never read.
Figure 2 shows the hierarchical structure of the 1-Wire
protocol. The bus master must first provide one of the
eight ROM function commands: 1) Read ROM, 2) Match
ROM, 3) Search ROM, 4) Conditional Search ROM, 5)
Skip ROM, 6) Overdrive-Skip ROM, 7) Overdrive-Match
ROM, or 8) Resume. Upon completion of an Overdrive
ROM command byte executed at standard speed, the
device enters overdrive mode, where all subsequent com-
munication occurs at a higher speed. Figure 12 describes
the protocol required for these ROM function commands.
After a ROM function command is successfully executed,
the memory and control functions become accessible
and the master can provide any one of the eight available
commands. Figure 9 describes the protocol for these
memory and control function commands.
All data is read
and written least significant bit first.
DS1925
iButton High-Capacity Temperature Logger
with 122KB Data-Log Memory
www.maximintegrated.com
Maxim Integrated │ 6
Pin Configuration
Pin Description
5.89mm
0.51mm
BRANDING
F5 SIZE
GND
IO
17.35mm
16.25mm
02
53
1-Wire
®
000000FBC52B
®
®
Thermochron®
NAME
FUNCTION
IO
Input/Output
GND
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com