Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1925 Datasheet(PDF) 43 Page - Maxim Integrated Products

Part # DS1925
Description  iButton High-Capacity Temperature Logger with 122KB Data-Log Memory
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1925 Datasheet(HTML) 43 Page - Maxim Integrated Products

Back Button DS1925 Datasheet HTML 38Page - Maxim Integrated Products DS1925 Datasheet HTML 39Page - Maxim Integrated Products DS1925 Datasheet HTML 40Page - Maxim Integrated Products DS1925 Datasheet HTML 41Page - Maxim Integrated Products DS1925 Datasheet HTML 42Page - Maxim Integrated Products DS1925 Datasheet HTML 43Page - Maxim Integrated Products DS1925 Datasheet HTML 44Page - Maxim Integrated Products DS1925 Datasheet HTML 45Page - Maxim Integrated Products DS1925 Datasheet HTML 46Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 43 / 46 page
background image
Table 28. Data for Temperature-Logging Mission (11-Bit Format)
DS1925
iButton High-Capacity Temperature Logger
with 122KB Data-Log Memory
www.maximintegrated.com
Maxim Integrated │ 43
ADDRESS
DATA
EXAMPLE VALUES
FUNCTION
0200h
4Bh
0201h
32h
April 23, 2015 1:59pm
Time/Date
0202h
39h
0203h
55h
0204h
00h
(Don’t care)
0205h
00h
0206h
0Ah
Every 10 minutes (EHSS = 0)
Sample Rate
0207h
00h
0208h
52h
0°C low
Temperature Alarm
0209h
66h
10°C high
Threshold
020Ah
00h
020Bh
FFh
(Don’t care)
(Not applicable with DS1925)
020Ch
FFh
020Dh
FFh
(Don’t care)
Clock Through
020Eh
FFh
Read-Only Registers
020Fh
FFh
0210h
02h
Enable high alarm
Temperature Alarm Control
0211h
FCh
(Not applicable with DS1925)
0212h
01h
On (enabled), EHSS = 0 (low sample rate)
RTC Oscillator Control, Sample Rate Selection
0213h
C5h
Normal start; 11-bit temperature log
General Mission Control
0214h
FFh
(Don’t care)
Clock Through
0215h
FFh
Read-Only Registers
0216h
5Ah
0217h
00h
90 minutes
Mission Start Delay
0218h
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com