Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1925 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # DS1925
Description  iButton High-Capacity Temperature Logger with 122KB Data-Log Memory
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1925 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button DS1925 Datasheet HTML 6Page - Maxim Integrated Products DS1925 Datasheet HTML 7Page - Maxim Integrated Products DS1925 Datasheet HTML 8Page - Maxim Integrated Products DS1925 Datasheet HTML 9Page - Maxim Integrated Products DS1925 Datasheet HTML 10Page - Maxim Integrated Products DS1925 Datasheet HTML 11Page - Maxim Integrated Products DS1925 Datasheet HTML 12Page - Maxim Integrated Products DS1925 Datasheet HTML 13Page - Maxim Integrated Products DS1925 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 46 page
background image
Figure 6. Register Pages Map
DS1925
iButton High-Capacity Temperature Logger
with 122KB Data-Log Memory
www.maximintegrated.com
Maxim Integrated │ 10
ADDR
b7
b6
b5
b4
b3
b2
b1
b0
FUNCTION
ACCESS*
0200h
LSByte Seconds
Real-Time Clock
Registers
R/W; R
0201h
. . .
0202h
. . .
0203h
MSByte Seconds
0204h
(not used)
(N/A)
R; R
0205h
(not used)
(N/A)
R; R
0206h
Low Byte
Sample Rate
R/W; R
0207h
0
0
High Byte
0208h
Low Threshold
Temp Alarms
R/W; R
0209h
High Threshold
020Ah
Reserved
(N/A)
R; R
020Bh
Reserved
(N/A)
R; R
020Ch
Low Byte
0
0
0
0
0
Latest Temp
R; R
020Dh
High Byte
020Eh
Reserved
(N/A)
R; R
020Fh
Reserved
0210h
0
0
0
0
0
0
ETHA
ETLA
Temperature Alarm
Enable
R/W; R
0211h
1
1
1
1
1
1
0
0
(N/A)
R/W; R
0212h
0
0
0
0
0
0
EHSS
EOSC
RTC Control
R/W; R
0213h
1
1
SUTA
1
(X)
TLFS
0
ETL
Mission Control
R/W; R
0214h
BOR
1
1
1
0
0
THF
TLF
Alarm Status
R; R
0215h
1
1
0
WFTA
MEMCLR
0
MIP
0
General Status
R; R
0216h
Low Byte
Mission Start Delay
Counter
R/W; R
0217h
Center Byte
0218h
High Byte
0219h
LSByte Seconds
Mission Timestamp
R/W; R
021Ah
. . .
021Bh
. . .
021Ch
MSByte Seconds
021Dh
Major Version
(N/A)
R; R
021Eh
Minor Version
(N/A)
R; R
021Fh
(No function; reads 00h)
(N/A)
R; R
0220h
Low Byte
Mission Samples
Counter
R; R
0221h
Center Byte
0222h
High Byte
0223h
Low Byte
Device Samples
Counter
R; R
0224h
Center Byte
0225h
High Byte
0226h
Configuration Code
Flavor
R; R
0227h
EPW
Password
Control
R/W; R
0228h
First Byte
Read Access
Password
W; ---
…
. . .
022Fh
Eighth Byte
0230h
First Byte
Full Access
Password
W; —
…
. . .
0237h
Eighth Byte
0238h
(No function; all these bytes read 00h)
(N/A)
R; R
…
023Fh
*The first entry in the “ACCESS” column is valid between missions. The second entry shows the applicable access type while a mission is in progress.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com