Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1925 Datasheet(PDF) 34 Page - Maxim Integrated Products

Part # DS1925
Description  iButton High-Capacity Temperature Logger with 122KB Data-Log Memory
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1925 Datasheet(HTML) 34 Page - Maxim Integrated Products

Back Button DS1925 Datasheet HTML 30Page - Maxim Integrated Products DS1925 Datasheet HTML 31Page - Maxim Integrated Products DS1925 Datasheet HTML 32Page - Maxim Integrated Products DS1925 Datasheet HTML 33Page - Maxim Integrated Products DS1925 Datasheet HTML 34Page - Maxim Integrated Products DS1925 Datasheet HTML 35Page - Maxim Integrated Products DS1925 Datasheet HTML 36Page - Maxim Integrated Products DS1925 Datasheet HTML 37Page - Maxim Integrated Products DS1925 Datasheet HTML 38Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 46 page
background image
Skip ROM [CCh]
This command can save time in a single-drop bus sys-
tem by allowing the bus master to access the memory
functions without providing the 64-bit ROM code. If more
than one slave is present on the bus and, for example, a
Read command is issued following the Skip ROM com-
mand, data collision occurs on the bus as multiple slaves
transmit simultaneously (open-drain pulldowns produces
a wired-AND result).
Resume [A5h]
The DS1925 needs to be accessed several times before
a mission starts. In a multidrop environment this means
that the 64-bit ROM code after a Match ROM command
has to be repeated for every access. To maximize the
data throughput in a multidrop environment, the Resume
function was implemented. This function checks the sta-
tus of the RC (resume control) bit and, if it is set, directly
transfers control to the memory/control functions, similar
to a Skip ROM command. The only way to set the RC bit
is through successfully executing the Match ROM, Search
ROM, or Overdrive-Match ROM command. Once the RC
bit is set, the device can repeatedly be accessed through
the Resume command function. Accessing another device
on the bus clears the RC bit, preventing two or more
devices from simultaneously responding to the Resume
Command function.
Overdrive-Skip ROM [3Ch]
On a single-drop bus this command can save time by
allowing the bus master to access the memory/control
functions without providing the 64-bit ROM code. Unlike
the normal Skip ROM command, the Overdrive-Skip ROM
sets the DS1925 into overdrive mode (OD = 1). All com-
munication following this command has to occur at over-
drive speed until a reset pulse of minimum 640µs duration
resets all devices on the bus to standard speed (OD = 0).
When issued on a multidrop bus, this command sets all
overdrive-supporting devices into overdrive mode. To
subsequently address a specific overdrive-supporting
device, a reset pulse at overdrive speed has to be issued
followed by a Match ROM or Search ROM command
sequence. This speeds up the time for the search pro-
cess. If more than one slave supporting overdrive is pres-
ent on the bus and the Overdrive-Skip ROM command is
followed by a Read command, data collision occurs on
the bus as multiple slaves transmit simultaneously (open-
drain pulldowns produce a wired-AND result).
Overdrive-Match ROM [69h]
The Overdrive-Match ROM command followed by a
64-bit ROM sequence transmitted at overdrive speed
allows the bus master to address a specific DS1925 on
a multidrop bus and to simultaneously set it in Overdrive
mode. Only the DS1925 that exactly matches the 64-bit
ROM sequence responds to the subsequent memory/
control function command. Slaves already in overdrive
mode from a previous Overdrive-Skip ROM or success-
ful Overdrive-Match ROM command remain in overdrive
mode. All overdrive-capable slaves return to standard
speed at the next reset pulse of minimum 640µs duration.
The Overdrive-Match ROM command can be used with a
single device or multiple devices on the bus.
1-Wire Signaling
The DS1925 requires strict protocols to ensure data integ-
rity. The protocol consists of four types of signaling on one
line: reset sequence with reset pulse and presence pulse,
write-zero, write-one, and read-data. Except for the pres-
ence pulse, the bus master initiates all these signals.
The DS1925 can communicate at two different speeds:
standard speed and overdrive speed. If not explicitly
set into overdrive mode, the DS1925 communicates at
standard speed. While in overdrive mode the fast timing
applies to all waveforms.
To get from idle to active, the voltage on the 1-Wire line
needs to fall from VPUP below the threshold VTL. To get
from active to idle, the voltage needs to rise from VILMAX
past the threshold VTH. The time it takes for the voltage
to make this rise is seen in Figure 12 as “ε” and its dura-
tion depends on the pullup resistor (RPUP) used and the
capacitance of the 1-Wire network attached. The voltage
VILMAX is relevant for the DS1925 when determining a
logical level, not triggering any events.
Figure 12 shows the initialization sequence required to
begin any communication with the DS1925. A reset pulse
followed by a presence pulse indicates the DS1925 is
ready to receive data, given the correct ROM and mem-
ory function command. If the bus master uses slew-rate
control on the falling edge, it must pull down the line for
tRSTL + tF to compensate for the edge. A tRSTL duration
of 640µs or longer exits overdrive mode, returning the
device to standard speed. If the DS1925 is in overdrive
mode and tRSTL is no longer than 80µs, the device
remains in overdrive mode.
DS1925
iButton High-Capacity Temperature Logger
with 122KB Data-Log Memory
www.maximintegrated.com
Maxim Integrated │ 34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com