Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1925 Datasheet(PDF) 17 Page - Maxim Integrated Products

Part # DS1925
Description  iButton High-Capacity Temperature Logger with 122KB Data-Log Memory
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1925 Datasheet(HTML) 17 Page - Maxim Integrated Products

Back Button DS1925 Datasheet HTML 13Page - Maxim Integrated Products DS1925 Datasheet HTML 14Page - Maxim Integrated Products DS1925 Datasheet HTML 15Page - Maxim Integrated Products DS1925 Datasheet HTML 16Page - Maxim Integrated Products DS1925 Datasheet HTML 17Page - Maxim Integrated Products DS1925 Datasheet HTML 18Page - Maxim Integrated Products DS1925 Datasheet HTML 19Page - Maxim Integrated Products DS1925 Datasheet HTML 20Page - Maxim Integrated Products DS1925 Datasheet HTML 21Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 46 page
background image
To enable password checking, set EPW to (AAh). The
default pattern of EPW, and any value other than AAh
allows the 64-bit read and 64-bit full access passwords to
be set. Once password checking is enabled, changing the
passwords and disabling password checking requires the
knowledge of the current full-access password.
Before enabling password checking, passwords for read-
only access and for full access (read/write/control) need
to be written to the password registers. Setting up a
password or enabling/disabling the password checking
is done in the same way as writing data to a memory
location, only the address is different. Because they are
located in the same memory page, both passwords can
be redefined at the same time.
The Read Access Password needs to be transmitted
exactly in the sequence RP0, RP1 . . . RP62, RP63. This
password only applies to XPC Read Memory function.
The DS1925 delivers the requested data only if the pass-
word transmitted by the master was correct or if pass-
word checking is not enabled. See Table 24 for the Read
Access Password Register bitmap. There is only write
access to this register. Attempting to read the password
reports all zeros. The password cannot be changed while
a mission is in progress.
The Full Access Password needs to be transmitted exact-
ly in the sequence FP0, FP1 . . . FP62, FP63. It affects
the functions XPC Read Memory, XPC Copy Scratchpad,
XPC Clear Memory, XPC Start Mission, and XPC Stop
Mission. The DS1925 executes the command only if the
password transmitted by the master was correct, or if
password checking is not enabled. See Table 25 for the
Full Access Password Register bitmap. There is only write
access to this register. Attempting to read the password
reports all zeros. The password cannot be changed while
a mission is in progress.
Due to the special behavior of the write access logic, the
Password Control register and both passwords must be
written at the same time. When setting up new passwords,
always verify (read back) the scratchpad before sending the
XPC Copy Scratchpad command. After a new password is
successfully copied from the scratchpad to its memory loca-
tion, erase the scratchpad by filling it with new data (write
scratchpad command). Otherwise, a copy of the passwords
remain in the scratchpad for public read access.
Table 23. Password Control Register Bitmap
Table 24. Read Access Password Register Bitmap
Table 25. Full Access Password Register Bitmap
DS1925
iButton High-Capacity Temperature Logger
with 122KB Data-Log Memory
www.maximintegrated.com
Maxim Integrated │ 17
ADDR
b7
b6
b5
b4
b3
b2
b1
b0
0227h
EPW
ADDR
b7
b6
b5
b4
b3
b2
b1
b0
0228h
RP7
RP6
RP5
RP4
RP3
RP2
RP1
RP0
0229h
RP15
RP14
RP13
RP12
RP11
RP10
RP9
RP8
. . .
. . .
022Eh
RP55
RP54
RP53
RP52
RP51
RP50
RP49
RP48
022Fh
RP63
RP62
RP61
RP60
RP59
RP58
RP57
RP56
ADDR
b7
b6
b5
b4
b3
b2
b1
b0
0230h
FP7
FP6
FP5
FP4
FP3
FP2
FP1
FP0
0231h
FP15
FP14
FP13
FP12
FP11
FP10
FP9
FP8
. . .
. . .
0236h
FP55
FP54
FP53
FP52
FP51
FP50
FP49
FP48
0237h
FP63
FP62
FP61
FP60
FP59
FP58
FP57
FP56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com