Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1925 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # DS1925
Description  iButton High-Capacity Temperature Logger with 122KB Data-Log Memory
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1925 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button DS1925 Datasheet HTML 5Page - Maxim Integrated Products DS1925 Datasheet HTML 6Page - Maxim Integrated Products DS1925 Datasheet HTML 7Page - Maxim Integrated Products DS1925 Datasheet HTML 8Page - Maxim Integrated Products DS1925 Datasheet HTML 9Page - Maxim Integrated Products DS1925 Datasheet HTML 10Page - Maxim Integrated Products DS1925 Datasheet HTML 11Page - Maxim Integrated Products DS1925 Datasheet HTML 12Page - Maxim Integrated Products DS1925 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 46 page
background image
Memory
Figure 5 shows the DS1925’s memory map. The 512
bytes of general-purpose nonvolatile memory is located
in pages 0 to 15. The general-purpose is write once with
an optional reset using the XPC Clear Memory command.
The various registers to set up and control the device fill
pages 16 and 17, called register pages 1 and 2 (details in
Figure 6). The data-log logging memory starts at address
1000h (page 122) and extends over 3920 pages. The
memory pages 18 to 127 are reserved for future exten-
sions. The scratchpad is an additional page that acts as a
buffer when writing to the SRAM memory or the register
page. The data memory can be written at any time. See
the Security by Password section for ways to protect
the memory. The access type for the register pages is
register-specific and depends on whether the device is
programmed for a mission. Figure 6 shows the details.
The data-log memory is read-only for the user. It is writ-
ten solely under supervision of the on-chip control logic.
See the Address Registers and Transfer Status section
for details.
Several commands provide a repeating result byte as
described in Table 1.
Figure 5. Memory Map
Table 1. Repeating Byte Commands
DS1925
iButton High-Capacity Temperature Logger
with 122KB Data-Log Memory
www.maximintegrated.com
Maxim Integrated │ 9
REPEAT BYTE
DESCRIPTION
FFh
Operation not complete
AAh
(or 55h) Operation success
22h
Unable to complete the operation due to mission is in progress
44h
Error writing memory: Possibly writing memory that needs to be cleared
77h
Invalid parameter in operation
33h
Invalid authorization sequence: usually indicates TA1/TA2/ES is not correct in a copy operation
11h
Invalid password
00h
Unable to complete operation, requires XPC clear memory (log) sequence required
32-BYTE INTERMEDIATE STORAGE SCRATCHPAD
ADDRESS
00000h–0001Fh
32-BYTE GENERAL-PURPOSE NV MEMORY (R/W)
PAGE 0
00020h–001FFh
GENERAL-PURPOSE NV MEMORY (R/W)
PAGES 1 TO 15
00200h–0021Fh
32-BYTE REGISTER PAGE 1
PAGE 16
00220h–0023Fh
32-BYTE REGISTER PAGE 2
PAGE 17
00240h–0025Fh
(RESERVED FOR FUTURE EXTENSIONS)
PAGE 18
00260h- 0027Fh
32-BYTE MISSION BACKUP REGISTER PAGE 1 (READ-ONLY)
PAGE 19
00280h- 0029Fh
32-BYTE MISSION BACKUP REGISER PAGE 2 (READ-ONLY)
PAGE 20
002A0h- 00FFFh
(RESERVED FOR FUTURE EXTENSIONS)
PAGES 21 TO 127
01000h- 1F9FFh
DATA-LOG MEMORY (READ-ONLY)
PAGES 128 TO 4047



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com