Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1925 Datasheet(PDF) 35 Page - Maxim Integrated Products

Part # DS1925
Description  iButton High-Capacity Temperature Logger with 122KB Data-Log Memory
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1925 Datasheet(HTML) 35 Page - Maxim Integrated Products

Back Button DS1925 Datasheet HTML 31Page - Maxim Integrated Products DS1925 Datasheet HTML 32Page - Maxim Integrated Products DS1925 Datasheet HTML 33Page - Maxim Integrated Products DS1925 Datasheet HTML 34Page - Maxim Integrated Products DS1925 Datasheet HTML 35Page - Maxim Integrated Products DS1925 Datasheet HTML 36Page - Maxim Integrated Products DS1925 Datasheet HTML 37Page - Maxim Integrated Products DS1925 Datasheet HTML 38Page - Maxim Integrated Products DS1925 Datasheet HTML 39Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 46 page
background image
After the bus master has released the line it goes into
receive mode (Rx). Now the 1-Wire bus is pulled to VPUP
through the pullup resistor or, in case of a DS2490 driver,
by active circuitry. When the threshold VTH is crossed,
the DS1925 waits for tPDH and then transmits a presence
pulse by pulling the line low for tPDL. To detect a presence
pulse, the master must test the logical state of the 1-Wire
line at tMSP.
The tRSTH window must be at least the sum of tPDH-
MAX, tPDLMAX, and tRECMIN. Immediately after tRSTH is
expired, the DS1925 is ready for data communication. In
a mixed population network tRSTH should be extended to
minimum 480µs at standard speed and 48µs at overdrive
speed to accommodate other 1-Wire devices.
Read-/Write-Time Slots
Data communication with the DS1925 takes place in
time slots, which carry a single bit each. Write time slots
transport data from bus master to slave. Read time slots
transfer data from slave to master. The definitions of the
write and read time slots are illustrated in Figure 13.
All communication begins with the master pulling the data
line low. As the voltage on the 1-Wire line falls below
the threshold VTL, the DS1925 starts its internal timing
generator that determines when the data line is sampled
during a write time slot and how long data is valid during
a read time slot.
Master-to-Slave
For a
write-one time slot, the voltage on the data line
must have crossed the VTH threshold before the write-
one low time tW1LMAX is expired. For a write-zero time
slot, the voltage on the data line must stay below the
VTH threshold until the write-zero low time tW0LMIN is
expired. The voltage on the data line should not exceed
VILMAX during the entire tW0L or tW1L window. After the
VTH threshold has been crossed, the DS1925 needs a
recovery time tREC before it is ready for the next time slot.
Slave-to-Master
A
read-data time slot begins like a write-one time slot.
The voltage on the data line must remain below VTL until
the read low time tRL is expired. During the tRL window,
when responding with a 0, the DS1925 starts pulling the
data line low; its internal timing generator determines
when this pulldown ends and the voltage starts rising
again. When responding with a 1, the DS1925 does not
hold the data line low at all, and the voltage starts rising
as soon as tRL is over.
Figure 12. Initialization Procedure: Reset and Presence Pulse
DS1925
iButton High-Capacity Temperature Logger
with 122KB Data-Log Memory
www.maximintegrated.com
Maxim Integrated │ 35
VIHMASTER
MASTER RX “PRESENCE PULSE”
VPUP
VTH
VTL
VILMAX
0V
tF
tREC
tPDH
MASTER TX “RESET PULSE”
tRSTL
tPDL
tRSTH
ε
tMSP
RESISTOR
MASTER
DS1925



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com