Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1925 Datasheet(PDF) 27 Page - Maxim Integrated Products

Part # DS1925
Description  iButton High-Capacity Temperature Logger with 122KB Data-Log Memory
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1925 Datasheet(HTML) 27 Page - Maxim Integrated Products

Back Button DS1925 Datasheet HTML 23Page - Maxim Integrated Products DS1925 Datasheet HTML 24Page - Maxim Integrated Products DS1925 Datasheet HTML 25Page - Maxim Integrated Products DS1925 Datasheet HTML 26Page - Maxim Integrated Products DS1925 Datasheet HTML 27Page - Maxim Integrated Products DS1925 Datasheet HTML 28Page - Maxim Integrated Products DS1925 Datasheet HTML 29Page - Maxim Integrated Products DS1925 Datasheet HTML 30Page - Maxim Integrated Products DS1925 Datasheet HTML 31Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 46 page
background image
External Power Command (XPC) [66h]
The external power command is a gateway command that
allows subcommands to operate using an external strong
pullup. The XPC command is followed by a length byte,
the sub-command, and its parameter bytes. The master
then receives a CRC16, transmits an FFh dummy byte,
and enables the strong pullup.
XPC Copy Scratchpad [99h]
The XPC Copy Scratchpad command is a subcommand of
the external power command. This command is used to copy
data from the scratchpad to the writable memory sections.
The bus master sends the XPC command code [66h],
length byte [0Ch], XPC Copy Scratchpad command code
[99h], TA1 address byte, TA2 address byte, and E/S byte.
These three bytes are the authorization sequence and
can be verified using a Read Scratchpad command. Next,
the master must transmit the full-access 64-bit password.
At this point, the bus master sends 16 additional read
data time slots and receives the inverted 16-bit CRC. If
the CRC is correct, the master then sends the release
byte [FFh], and strong pullup and delay of tLSTD or tLSTD
+ tSRTC. The additional tSRTC delay is required if this
RTC is being enabled with this command and the device
is in the Clear Memory state or in an unknown state. If
passwords are enabled and the transmitted password
is different from the stored full-access password, the XP
Copy Scratchpad command fails. If the password was
correct or if passwords were not enabled, the device tests
the 3-byte authorization code. If the authorization code
pattern matches, the AA (authorization accepted) flag is
set and the copy begins. After the required strong pullup
delay, an FFh dummy byte is then read followed by a
repeating result byte. The repeating byte is transmitted
until the master issues a reset pulse to indicate success
or an error condition.
The data to be copied is determined by the three address
registers. The scratchpad data from the beginning offset
through the ending offset is copied, starting at the target
address. The AA flag remains at logic 1 until it is cleared
by the next Write Scratchpad command. With a suitable
password, the XPC Copy Scratchpad always functions
for the 16 pages of data memory. While a mission is in
progress, write attempts to the register pages are not suc-
cessful. The AA bit remaining at 0 indicates this.
XPC Start Mission [DDh]
The XPC Start Mission command is a subcommand of the
external power command. This command is used to start
a temperature logging mission
The bus master sends the XPC command code [66h],
length byte [09h], XPC Start Mission command code [DDh],
64-bit full-access password. At this point, the bus master
sends 16 additional read data time slots and receives the
inverted 16-bit CRC. If the CRC is correct, the master then
sends the release byte [FFh], and strong pullup and delay
of tLSTD or tLSTD + tSRTC. The additional tSRTC delay
is required if this RTC was not already enabled and the
device is in the Clear Memory State or in an unknown state.
A new mission can only be started if the previous mis-
sion has been ended and the memory has been cleared.
After the strong pullup, an FFh dummy byte is then read
followed by a repeating result byte. A repeating result
byte of 77h Invalid Parameter indicates that the selected
sample rate is less than 3 minutes and is not supported.
If passwords are enabled and the transmitted password
is different from the stored full-access password, the XP
Start Mission command fails with a repeating result byte
of 11h Invalid Password. If the password was correct or if
passwords were not enabled, the device starts a mission.
If SUTA = 0, the sampling begins as soon as the mission
start delay is over. If SUTA = 1, the first sample is written
to the data-log memory at the time the temperature alarm
occurred. At this point the Mission Sample Counter incre-
ments and the Mission Timestamp is set and the regular
sampling and logging begins. While the device is waiting
for a temperature alarm to occur, the WFTA flag in the
General Status register reads 1. During a mission there
is only read access to the register pages. The Mission
Backup Registers are written on a XPC Start Mission
command. See Figure 15.
XPC Stop Mission [BBh]
The XPC Stop Mission command is a subcommand of the
external power command. This command is used to stop
a temperature logging mission
The bus master sends the XPC command code [66h],
length byte [09h], XPC Stop Mission command code
[BBh], 64-bit full-access password. At this point, the bus
master sends 16 additional read data time slots and
receives the inverted 16-bit CRC. If the CRC is correct,
the master then sends the release byte [FFh], and strong
pullup and delay of tLSTD.
DS1925
iButton High-Capacity Temperature Logger
with 122KB Data-Log Memory
www.maximintegrated.com
Maxim Integrated │ 27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com