Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1925 Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # DS1925
Description  iButton High-Capacity Temperature Logger with 122KB Data-Log Memory
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1925 Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button DS1925 Datasheet HTML 12Page - Maxim Integrated Products DS1925 Datasheet HTML 13Page - Maxim Integrated Products DS1925 Datasheet HTML 14Page - Maxim Integrated Products DS1925 Datasheet HTML 15Page - Maxim Integrated Products DS1925 Datasheet HTML 16Page - Maxim Integrated Products DS1925 Datasheet HTML 17Page - Maxim Integrated Products DS1925 Datasheet HTML 18Page - Maxim Integrated Products DS1925 Datasheet HTML 19Page - Maxim Integrated Products DS1925 Datasheet HTML 20Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 46 page
background image
Mission Progress Indicator
Depending on settings in the Mission Control register
(address 0213h), the DS1925 logs temperature in 8-bit
or 16-bit format. The Mission Samples Counter register
together with the starting address and the logging format
(8 or 16 bits) provides the information to identify valid
blocks of data that have been gathered during the current
(MIP = 1) or latest mission (MIP = 0). See the Data-Log
Memory Usage section for an illustration. See Table 20
for the register bitmap. There is only read access to this
register.
The number read from the Mission Samples Counter
indicates how often the DS1925 woke up during a mis-
sion to measure temperature. The number format is 24-bit
unsigned integer. The Mission Samples Counter is reset
through the XPC Clear Memory command
Other Indicators
The Device Samples Counter is similar to the Mission
Samples Counter. During a mission this counter incre-
ments whenever the DS1925 wakes up to measure and
log data and when the device is testing for a temperature
alarm in SUTA mode. This way the Device Samples
Counter functions like a gas gauge for the battery that
powers the iButton device. There is only read access to
this register.
The Device Samples Counter is reset to zero when the
iButton device is assembled. The counter increments a
couple of times during final test. The number format is
24-bit unsigned integer. The maximum number that can
be represented in this format is 16777215.
The Device Configuration byte is used to allow the master
to distinguish between the different versions of the iButton
logger devices. Table 22 shows the codes assigned to the
various devices. There is only read access to this register.
Security by Password
The DS1925 is designed to use two passwords that con-
trol read access and full access. Reading from or writing
to the scratchpad as well as the XPC Forced Conversion
command do not require a password. The password
needs to be transmitted right after the command code
of the memory or control function. If password checking
is enabled, the password transmitted is compared to the
passwords stored in the device. The data pattern stored in
the Password Control register determines whether pass-
word checking is enabled. See Table 23 for the register
bitmap. During a mission, there is only read access to
this register.
Table 20. Mission Samples Counter Register Bitmap
Table 21. Device Samples Counter Register Bitmap
Table 22. Device Configuration Byte (0226h)
DS1925
iButton High-Capacity Temperature Logger
with 122KB Data-Log Memory
www.maximintegrated.com
Maxim Integrated │ 16
ADDR
b7
b6
b5
b4
b3
b2
b1
b0
0220h
Low Byte
0221h
Center Byte
0222h
High Byte
ADDR
b7
b6
b5
b4
b3
b2
b1
b0
0223h
Low Byte
0224h
Center Byte
0225h
High Byte
ADDR
b7
b6
b5
b4
b3
b2
b1
b0
DEVICE
0226h
0
0
0
0
0
0
0
0
DS2422
0226h
0
0
1
0
0
0
0
0
DS1923
0226h
0
1
0
0
0
0
0
0
DS1922L
0226h
0
1
1
0
0
0
0
0
DS1922T
0226h
1
0
0
0
0
0
0
0
DS1922E
0226h
1
0
1
0
0
0
0
0
DS1925



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com