Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1925 Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # DS1925
Description  iButton High-Capacity Temperature Logger with 122KB Data-Log Memory
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1925 Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button DS1925 Datasheet HTML 10Page - Maxim Integrated Products DS1925 Datasheet HTML 11Page - Maxim Integrated Products DS1925 Datasheet HTML 12Page - Maxim Integrated Products DS1925 Datasheet HTML 13Page - Maxim Integrated Products DS1925 Datasheet HTML 14Page - Maxim Integrated Products DS1925 Datasheet HTML 15Page - Maxim Integrated Products DS1925 Datasheet HTML 16Page - Maxim Integrated Products DS1925 Datasheet HTML 17Page - Maxim Integrated Products DS1925 Datasheet HTML 18Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 46 page
background image
Alarm Status
The fastest way to determine whether a programmed
temperature threshold was exceeded during a mission is
through reading the Alarm Status register. In a networked
environment that contains multiple DS1925 devices, the
devices that encountered an alarm can quickly be identi-
fied by means of the Conditional Search ROM command
(see the 1-Wire ROM Function Commands section).
The temperature alarm only occurs if enabled (see the
Temperature Sensor Alarm). The BOR alarm is always
enabled. See Table 13 for the bitmap and Table 14 for the
bit descriptions. There is only read access to this register.
Bits 6:4 have no function; they always read 1. Bits 3:2 have
no function with the DS1925; they always read 0. The alarm
status bits are cleared simultaneously when the XPC Clear
Memory function is invoked. See the Memory and Control
Function Commands for details.
General Status
The information in the General Status register tells the
host computer whether a mission-related command was
executed successfully. Individual status bits indicate
whether the DS1925 is performing a mission, waiting for a
temperature alarm to trigger the logging of data, or wheth-
er the data from the latest mission has been cleared. See
Table 15 for the bitmap. There is only read access to this
register. Bits 6 and 7 have no function. Bits 0, 2, and 5
are normally 0’s for typical operation but change to 1’s
to indicate if the register pages are a backup copy and
represent the last state recorded at the start of a mission.
Mission Start Delay Counter
The content of the Mission Start Delay Counter register
tells how many minutes have to expire from the time a
mission was started until the first measurement of the
mission takes place (SUTA = 0), or until the device starts
testing the temperature for a temperature alarm (SUTA
= 1). The Mission Start Delay is stored as an unsigned
24-bit integer number. If the start delay is non-zero and
the SUTA bit is set to 1, first the delay has to expire before
the device starts testing for temperature alarms to begin
logging data. See Table 17 for the register bitmap. During
a mission, there is only read access to these registers.
For a typical mission, the Mission Start Delay Counter is
0. If a mission is too long for a single DS1925 to store all
readings at the selected sample rate, one can use several
devices and set the Mission Start Delay for the second
device to start recording as soon as the memory of the
first device is full, and so on.
Mission Timestamp
The Mission Timestamp register indicates the date and
time of the start of the mission. The time of the first tem-
perature sample of the mission can be computed by add-
ing the Mission Timestamp with the Mission Start Delay
Counter. The Mission Timestamp register indicates the
date and time of the first temperature sample of the mis-
sion. There is only read access to the Mission Timestamp
register. See Table 18 for the register bitmap.
Table 13. Alarm Status Register Bitmap
Table 14. Alarm Status Register Bit Descriptions
DS1925
iButton High-Capacity Temperature Logger
with 122KB Data-Log Memory
www.maximintegrated.com
Maxim Integrated │ 14
ADDR
b7
b6
b5
b4
b3
b2
b1
b0
0214h
BOR
1
1
1
0
0
THF
TLF
BIT
NAME
FUNCTION
b7
BOR
Battery On Reset Alarm. If this bit reads 1, the device has performed a power-on-reset or battery-fail
event. See the Revision History section for BOR behavior by version.
b1
THF
Temperature High Alarm Flag. If this bit reads 1, there was at least one temperature conversion
during a mission revealing a temperature equal to or higher than the value in the Temperature High
Alarm register. A forced conversion can affect the THF bit. This bit can also be set with the initial
alarm in the SUTA = 1 mode.
b0
TLF
Temperature Low Alarm Flag. If this bit reads 1, there was at least one temperature conversion
during a mission revealing a temperature equal to or lower than the value in the Temperature Low
Alarm Register. A forced conversion can affect the TLF bit. This bit can also be set with the initial
alarm in the SUTA = 1 mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com