Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1925 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS1925
Description  iButton High-Capacity Temperature Logger with 122KB Data-Log Memory
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1925 Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS1925 Datasheet HTML 1Page - Maxim Integrated Products DS1925 Datasheet HTML 2Page - Maxim Integrated Products DS1925 Datasheet HTML 3Page - Maxim Integrated Products DS1925 Datasheet HTML 4Page - Maxim Integrated Products DS1925 Datasheet HTML 5Page - Maxim Integrated Products DS1925 Datasheet HTML 6Page - Maxim Integrated Products DS1925 Datasheet HTML 7Page - Maxim Integrated Products DS1925 Datasheet HTML 8Page - Maxim Integrated Products DS1925 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 46 page
background image
IO Voltage to GND ..................................................-0.3V to +6V
IO Sink Current...................................................................20mA
Operating Temperature Range........................... -40°C to +85°C
Junction Temperature......................................................+150°C
Storage Temperature Range............................. -40°C to +85°C*
(VPUP = 3.0V to 5.25V, unless otherwise noted.)
DS1925
iButton High-Capacity Temperature Logger
with 122KB Data-Log Memory
www.maximintegrated.com
Maxim Integrated │ 2
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these
or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
*Storage or operation above +50°C significantly reduces battery life.
Electrical Characteristics
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Operating Temperature
TA
(Note 1)
-40
+85
°C
IO PIN: GENERAL DATA
1-Wire Pullup Resistance
RPUP
(Notes 2, 3)
2200
Ω
Input Capacitance
CIO
(Note 4)
120
nF
Input Leakage Current
IL
IO pin at VPUP
6
60
µA
High-to-Low Switching
Threshold
VTL
(Notes 5, 6)
0.5 x
VPUP
V
Input Low Voltage
VIL
(Notes 2, 7)
0.4
V
Low-to-High Switching
Threshold
VTH
(Notes 5, 8)
0.75 x
VPUP
V
Switching Hysteresis
VHY
(Note 9)
0.2 x
VPUP
V
Output Low Voltage
VOL
At 4mA (Note 10)
0.4
V
Recovery Time
(Note 2)
tREC
Standard speed, RPUP = 2200Ω
5
µs
Overdrive speed, RPUP = 2200Ω
2
Overdrive speed, directly prior to reset
pulse; RPUP = 2200Ω
5
Time Slot Duration (Note 2)
tSLOT
Standard speed
65
µs
Overdrive speed
8
Rising-Edge Hold-Off Time
tREH
(Note 11)
0.1
µs
IO PIN: 1-Wire RESET, PRESENSE-DETECT CYCLE
Reset Low Time (Note 2)
tRSTL
Standard speed, VPUP
480
640
µs
Overdrive speed
48
80
Presence-Detect Sample
Time (Note 2)
tMSP
Standard speed
65
75
µs
Overdrive speed
8
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com