Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1925 Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # DS1925
Description  iButton High-Capacity Temperature Logger with 122KB Data-Log Memory
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1925 Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button DS1925 Datasheet HTML 8Page - Maxim Integrated Products DS1925 Datasheet HTML 9Page - Maxim Integrated Products DS1925 Datasheet HTML 10Page - Maxim Integrated Products DS1925 Datasheet HTML 11Page - Maxim Integrated Products DS1925 Datasheet HTML 12Page - Maxim Integrated Products DS1925 Datasheet HTML 13Page - Maxim Integrated Products DS1925 Datasheet HTML 14Page - Maxim Integrated Products DS1925 Datasheet HTML 15Page - Maxim Integrated Products DS1925 Datasheet HTML 16Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 46 page
background image
With TRH and TRL representing the decimal equivalent
of a temperature reading, calculate the temperature value
as:
J
(°C) = TRH/2 - 41+ TRL/512 (16-bit mode, TLFS = 1,
see address 0213h)
J
(°C) = TRH/2 - 41
(8-bit mode, TLFS = 0,
see address 0213h)
This equation is valid for converting temperature readings
stored in the data-log memory as well as for data read
from the Latest Temperature Conversion Result register.
The “- 41” applies to the DS1925.
To specify the temperature alarm thresholds, the previous
equation needs to be resolved to:
TALM = 2 x J (°C) + 82
where “+ 82” applies to the DS1925.
Because the temperature alarm threshold is only 1 byte,
the resolution or temperature increment is limited to
0.5°C. The TALM value needs to be converted into hexa-
decimal format before it can be written to one of the tem-
perature alarm threshold registers (
low alarm address
0208h; high alarm address 0209h). Independent of the
conversion mode (8-bit or 16-bit), only the most significant
byte of a temperature conversion is used to determine
whether an alarm is generated.
Temperature Sensor Alarm
The DS1925 has two Temperature Alarm Threshold regis-
ters (address 0208h, 0209h) to store values, which deter-
mine whether a critical temperature has been reached. A
temperature alarm is generated if the device measures an
alarming temperature
and the alarm signaling is enabled.
The ETLA and ETHA bits that enable the temperature
alarm are located in the Temperature Sensor Control
register. See Table 7 for the bitmap. During a mission,
there is only read access to this register. Bits 7:2 have no
function. They always read 0 and cannot be written to 1.
The temperature alarm flags TLF and THF are found in
the Alarm Status register at address 0214h.
Table 6. Temperature Alarm Threshold Examples
Table 7. Temperature Sensor Control Register Bitmap
Table 8. Temperature Sensor Control Register Bit Descriptions
DS1925
iButton High-Capacity Temperature Logger
with 122KB Data-Log Memory
www.maximintegrated.com
Maxim Integrated │ 12
J (°C)
TALM (DS1925)
HEX
DECIMAL
25.5
85h
133
-10.0
3Eh
62
ADDR
b7
b6
b5
b4
b3
b2
b1
b0
0210h
0
0
0
0
0
0
ETHA
ETLA
BIT
NAME
FUNCTION
b1
ETHA
Enable Temperature High Alarm. This bit controls whether during a mission the temperature high alarm
flag (THF) may be set, if a temperature conversion results in a value equal to or higher than the value in
the Temperature High Alarm Threshold Register. If ETHA is 1, temperature high alarms are enabled. If
ETHA is 0, temperature high alarms are not generated.
b0
ETLA
Enable Temperature Low Alarm. This bit controls whether during a mission the temperature low alarm
flag (TLF) may be set, if a temperature conversion results in a value equal to or lower than the value
in the Temperature Low Alarm Threshold register. If ETLA is 1, temperature low alarms are enabled. If
ETLA is 0, temperature low alarms are not generated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com