Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1925 Datasheet(PDF) 18 Page - Maxim Integrated Products

Part # DS1925
Description  iButton High-Capacity Temperature Logger with 122KB Data-Log Memory
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1925 Datasheet(HTML) 18 Page - Maxim Integrated Products

Back Button DS1925 Datasheet HTML 14Page - Maxim Integrated Products DS1925 Datasheet HTML 15Page - Maxim Integrated Products DS1925 Datasheet HTML 16Page - Maxim Integrated Products DS1925 Datasheet HTML 17Page - Maxim Integrated Products DS1925 Datasheet HTML 18Page - Maxim Integrated Products DS1925 Datasheet HTML 19Page - Maxim Integrated Products DS1925 Datasheet HTML 20Page - Maxim Integrated Products DS1925 Datasheet HTML 21Page - Maxim Integrated Products DS1925 Datasheet HTML 22Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 46 page
background image
Data-Log Memory Usage
Once set up for a mission, the DS1925 logs the tempera-
ture measurements at equidistant time points entry after
entry in its data-log memory. The data-log memory is able
to store 125,440 entries in 8-bit format or 62,720 entries in
16-bit format (Figure 7). In 16-bit format, the higher 8 bits
of an entry are stored at the lower address. Knowing the
starting time point (Mission Timestamp) and the interval
between temperature measurements, one can recon-
struct the time and date of each measurement.
The contents of the Mission Samples Counter in conjunc-
tion with the sample rate and the Mission Timestamp then
allows reconstructing the time points of all values stored
in the data-log memory. This gives the exact history over
time for the most recent measurements taken.
Missioning
The DS1925’s typical task is recording temperature.
Before the device can perform this function, it needs to
be set up properly. This procedure is called missioning.
First, the DS1925 needs to have its RTC set to valid time
and date. This reference time can be the local time, or,
when used inside of a mobile unit, UTC/GMT (Coordinated
Universal Time or Greenwich Mean Time) or any other
time standard that was agreed upon. The RTC oscillator
must be running (EOSC = 1). The memory assigned to
store the Mission Timestamp, Mission Samples Counter,
and Alarm Flags must be cleared using the memory clear
command. To enable the device for a mission, the ETL bit
must be set to 1. These are general settings that have to
be made in any case, regardless of the type of object to
be monitored and the duration of the mission.
If alarm signaling is desired, the temperature alarm low
and high thresholds must be defined. See the Temperature
Conversion section on how to convert a temperature value
into the binary code to be written to the threshold regis-
ters. In addition, the temperature alarm must be enabled
for the low and/or high threshold. This makes the device
respond to a Conditional Search ROM command (see the
1-Wire ROM Function Commands section), provided that
an alarming condition has been encountered.
The setting of the sample rate depends on the duration of
the mission and the monitoring requirements. One should
estimate the duration of the mission in minutes and divide
the number by 125,440 (8-bit format) or 62,720 (16-bit
format) to calculate the value of the sample rate (number
of minutes between conversions). If the estimated dura-
tion of a mission is 300 days (= 432,000 minutes), for
example, then the 122KB capacity of the data-log mem-
ory would be sufficient to store a new 11-bit value every
6.9 minutes (413 seconds). If the data-log memory of the
DS1925 is not large enough to store all readings, one can
use several devices and set the Mission Start Delay to
values that make the second device start logging as soon
as the memory of the first device is full, and so on.
After the Mission Start Delay is set, the sample rate needs
to be written to the Sample Rate register. The sample rate
may be any value from 1 to 16,383, coded as an unsigned
14-bit binary number. The fastest sample rate is one sam-
ple per 3 minutes (EHSS = 1, sample rate = 0B4h); how-
ever, the fasted recommended sample rate is 5 minutes
and the slowest is one sample every 273.05 hours (EHSS
= 0, Sample Rate = 3FFFh). To get one sample every 6
minutes, for example, the sample rate value needs to be
set to 6 (EHSS = 0) or 360 decimal (equivalent to 0168h
at EHSS = 1).
If there is a risk of unauthorized access to the DS1925
or manipulation of data, one should define passwords
for read access and full access. Before the passwords
become effective, their use needs to be enabled. See the
Security by Password section for more details.
The last step to begin a mission is to issue the XPC
Start Mission command. As soon as it has received
this command, the DS1925 sets the MIP flag and
clears the MEMCLR flag. With the immediate/delayed
start mode (SUTA = 0), after as many minutes as
specified by the Mission Start Delay are over, the
device wakes up, copies the current date and time
to the Mission Timestamp register, and logs the first
entry of the mission. This increments both the Mission
Samples Counter and Device Samples Counter. All
subsequent log entries are made as specified by the value
in the Sample Rate register and the EHSS bit.
Figure 7. Temperature Logging
DS1925
iButton High-Capacity Temperature Logger
with 122KB Data-Log Memory
www.maximintegrated.com
Maxim Integrated │ 18
ETL = 1
TLFS = 0
01000h
125440
8-BIT ENTRIES
TEMPERATURE
1F9FFh
ETL = 1
TLFS = 1
01000h
1F9FFh
16-BIT ENTRIES
TEMPERATURE
1F9FFh
WITH 16-BIT
FORMAT, THE
MOST-SIGNIFICANT
BYTE IS STORED AT
THE LOWER
ADDRESS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com