Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1925 Datasheet(PDF) 20 Page - Maxim Integrated Products

Part # DS1925
Description  iButton High-Capacity Temperature Logger with 122KB Data-Log Memory
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1925 Datasheet(HTML) 20 Page - Maxim Integrated Products

Back Button DS1925 Datasheet HTML 16Page - Maxim Integrated Products DS1925 Datasheet HTML 17Page - Maxim Integrated Products DS1925 Datasheet HTML 18Page - Maxim Integrated Products DS1925 Datasheet HTML 19Page - Maxim Integrated Products DS1925 Datasheet HTML 20Page - Maxim Integrated Products DS1925 Datasheet HTML 21Page - Maxim Integrated Products DS1925 Datasheet HTML 22Page - Maxim Integrated Products DS1925 Datasheet HTML 23Page - Maxim Integrated Products DS1925 Datasheet HTML 24Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 46 page
background image
master does not need to continue reading; it can start
a new trial to write data to the scratchpad. Similarly, a
set AA flag indicates that the Write command was not
recognized by the device. If everything went correctly,
both flags are cleared and the ending offset indicates the
address of the last byte written to the scratchpad. Now
the master can continue verifying every data bit. After the
master has verified the data, it has to use the XPC Copy
Scratchpad command. This command sequence uses the
three address registers TA1, TA2, and E/S as the master
has read them verifying the scratchpad. As soon as the
XPC Copy Scratchpad starts, it copies the data to the
requested location beginning at the target address.
Memory and Control
Function Commands
Figure 9 describes the protocols necessary for access-
ing the memory and the special function registers
of the DS1925. See the Mission Example: Prepare
and Start a New Mission section for how to use these and
other functions to set up the DS1925 for a mission. The
communication between master and DS1925 takes place
either at standard speed (default, OD = 0) or at overdrive
speed (OD = 1). If not explicitly set into the overdrive
mode, the DS1925 assumes standard speed. Internal
memory access during a mission has priority over external
access through the 1-Wire interface. This affects sev-
eral of the commands described below. See the Memory
Access Conflicts section for details and remedies.
Write Scratchpad Command [0Fh]
After issuing the Write Scratchpad command, the master
must first provide the 2-byte target address, followed by
the data to be written to the scratchpad. The data is writ-
ten to the scratchpad starting at the byte offset (T[4:0]).
When executing the Write Scratchpad command, the
CRC generator inside the DS1925 (see Figure 15) calcu-
lates a CRC of the entire data stream, starting at the com-
mand code and ending at the last data byte sent by the
master. This CRC is generated using the CRC-16 poly-
nomial by first clearing the CRC generator and then shift-
ing in the command code (0Fh) of the Write Scratchpad
command, the target addresses TA1 and TA2 as supplied
by the master and all the data bytes. If the ending offset
is 11111b, the master may send 16 read time slots and
receive the inverted CRC-16 generated by the DS1925.
Note that both register pages are write protected dur-
ing a mission. Although the Write Scratchpad command
works normally at any time, the subsequent XPC Copy
Scratchpad to a register page fails during a mission.
Read Scratchpad Command [AAh]
This command is used to verify scratchpad data and target
address. After issuing the Read Scratchpad command,
the master begins reading. The first 2 bytes are the target
address. The next byte is the ending offset/data status
byte (E/S) followed by the scratchpad data beginning at
the byte offset (T4:T0), as shown in Figure 8. The master
may continue reading data until the end of the scratchpad
after which it receives an inverted CRC-16 of the com-
mand code, target addresses TA1 and TA2, the E/S byte,
and the scratchpad data starting at the target address.
After the CRC is read, the bus master reads logical 1s
from the DS1925 until a reset pulse is issued.
DS1925
iButton High-Capacity Temperature Logger
with 122KB Data-Log Memory
www.maximintegrated.com
Maxim Integrated │ 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com