Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1925 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # DS1925
Description  iButton High-Capacity Temperature Logger with 122KB Data-Log Memory
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1925 Datasheet(HTML) 1 Page - Maxim Integrated Products

  DS1925 Datasheet HTML 1Page - Maxim Integrated Products DS1925 Datasheet HTML 2Page - Maxim Integrated Products DS1925 Datasheet HTML 3Page - Maxim Integrated Products DS1925 Datasheet HTML 4Page - Maxim Integrated Products DS1925 Datasheet HTML 5Page - Maxim Integrated Products DS1925 Datasheet HTML 6Page - Maxim Integrated Products DS1925 Datasheet HTML 7Page - Maxim Integrated Products DS1925 Datasheet HTML 8Page - Maxim Integrated Products DS1925 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
General Description
The iButton® temperature logger (DS1925) is a rugged,
self-sufficient system that measures temperature and
records the result in a protected memory section. The
recording is done at a user-defined rate. A total of 122K
8-bit readings or 61K 16-bit readings taken at equidistant
intervals ranging from 5min to 273hrs can be stored. In
addition, there are 512 bytes of nonvolatile memory for
storing application-specific information. A mission to col-
lect data can be programmed to begin immediately, after
a user-defined delay, or after a temperature alarm. Access
to the memory and control functions can be password
protected. The DS1925 is configured and communicates
with a host computing device through the serial 1-Wire®
protocol, which requires only a single data lead and a
ground return. Every DS1925 is factory-lasered with a
guaranteed unique 64-bit registration number that allows
for absolute traceability. The durable stainless-steel pack-
age is highly resistant to environmental hazards such as
dirt, moisture, and shock. Accessories permit the DS1925
to be mounted on almost any object, including containers,
pallets, and bags.
Applications
● Temperature Logging in Cold Chain
● Food Safety
● Bio Science
● Pharmaceutical and Medical Products High-Tempera-
ture Logging (Process Monitoring, Industrial Monitoring)
Benefits and Features
● Provides High-Quality Temperature Exposure
Assessment of an End Product
• Temperature Measurement Accuracy of ±0.5°C
with Storage for Up to 125,440 Timestamped
Values
• Flexibility to Monitor and Data-Log Long Duration
Exposures with Short-Duration Time Intervals
• Unique Factory-Lasered 64-Bit Serial Number En-
sures Absolute Traceability Because No Two Parts
Are Alike
● Highly Configurable Options for Data Logging and
Security
• Programmable Sample Rates from 5min to 273hrs
• Programmable Recording Start Delay After Elapsed
Time or Upon a Temperature Alarm Trip Point
• Two-Level Password Protection of All Memory and
Configuration Registers
• Measure and Report Internal Battery Level and
Output-Logged Data if a Battery is Depleted
● Physically Robust, Operationally Efficient
• Durable Stainless-Steel Enclosure Withstands
Harsh Environments and Conditions
• Communicates to a Host System with the Single-
Contact 1-Wire Interface
• -40°C to +85°C Operating Temperature Range
Ordering Information appears at end of data sheet.
iButton and 1-Wire are registered trademarks of Maxim
Integrated Products, Inc.
19-8480; Rev 4; 6/20
DS1925
iButton High-Capacity Temperature Logger
with 122KB Data-Log Memory
Typical Application Circuit
Examples of Accessories
µC
VCC
10kΩ
PIOX
02
53
®
000000FBC52B
®
RPUP
PIOY
Thermochron
1-Wire®
®
PART
ACCESSORY
DS9093RA
Mounting Lock Ring
DS9093A
Snap-in FOB
DS9092
iButton Probe
DS1402D-DR8+
Blue Dot Receptor Cable
EVALUATION KIT AVAILABLE
Click
here to ask about the production status of specific part numbers.


Similar Part No. - DS1925

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1925 MAXIM-DS1925 Datasheet
526Kb / 4P
Free Download of 1-Wire Drivers and OneWireViewer Demonstration Software
Rev 0; 3/16
DS1925EVKIT MAXIM-DS1925EVKIT Datasheet
526Kb / 4P
Free Download of 1-Wire Drivers and OneWireViewer Demonstration Software
Rev 0; 3/16
DS1925EVKIT# MAXIM-DS1925EVKIT# Datasheet
526Kb / 4P
Free Download of 1-Wire Drivers and OneWireViewer Demonstration Software
Rev 0; 3/16
DS1925L-F5# MAXIM-DS1925L-F5# Datasheet
526Kb / 4P
Free Download of 1-Wire Drivers and OneWireViewer Demonstration Software
Rev 0; 3/16
More results

Similar Description - DS1925

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1922L DALLAS-DS1922L Datasheet
428Kb / 48P
Temperature Logger iButton With 8kB Datalog Memory
DS1923 DALLAS-DS1923 Datasheet
495Kb / 52P
Hygrochron Temperature/Humidity Logger iButton with 8kB Data Log Memory
logo
Maxim Integrated Produc...
DS1922L MAXIM-DS1922L Datasheet
571Kb / 50P
Temperature Logger iButton With 8kB Datalog Memory
REV: 120407
logo
Dallas Semiconductor
DS1923 DALLAS-DS1923_1 Datasheet
350Kb / 53P
Hygrochron Temperature/Humidity Logger iButton with 8kB Data Log Memory
logo
Maxim Integrated Produc...
DS1922E MAXIM-DS1922E Datasheet
406Kb / 44P
High-Temperature Logger iButton with 8KB
Rev 1; 10/08
DS1922E MAXIM-DS1922E_09 Datasheet
387Kb / 44P
High-Temperature Logger iButton with 8KB Data-Log Memory
Rev 2; 6/09
DS1923 MAXIM-DS1923 Datasheet
642Kb / 55P
Hygrochron Temperature/Humidity Logger iButton with 8KB Data-Log Memory
Rev 3; 10/09
DS1922E MAXIM-DS1922E_11 Datasheet
418Kb / 44P
High-Temperature Logger iButton with 8KB Data-Log Memory
Rev 3; 4/11
DS1922L MAXIM-DS1922L_11 Datasheet
714Kb / 52P
Temperature Logger iButton with 8KB Data-Log Memory
Rev 10; 4/11
DS1922E MAXIM-DS1922E_V01 Datasheet
1Mb / 44P
iButton High-Temperature Logger with 8KB Datalog Memory
2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com