Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1925 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # DS1925
Description  iButton High-Capacity Temperature Logger with 122KB Data-Log Memory
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1925 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button DS1925 Datasheet HTML 7Page - Maxim Integrated Products DS1925 Datasheet HTML 8Page - Maxim Integrated Products DS1925 Datasheet HTML 9Page - Maxim Integrated Products DS1925 Datasheet HTML 10Page - Maxim Integrated Products DS1925 Datasheet HTML 11Page - Maxim Integrated Products DS1925 Datasheet HTML 12Page - Maxim Integrated Products DS1925 Datasheet HTML 13Page - Maxim Integrated Products DS1925 Datasheet HTML 14Page - Maxim Integrated Products DS1925 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 46 page
background image
Detailed Register Descriptions
Timekeeping and Calendar
The real-time clock (RTC) is a second counter accessed
by reading/writing the appropriate bytes in the register
page, address 200h–203h. For readings to be valid,
all RTC registers must be read sequentially starting at
address 0200h. The number representation of the RTC
registers is in seconds format. Typically, this is the number
of seconds since January 1, 1970 12:00a.m. See Table 2
for the bitmap.
Sample Rate
The content of the Sample Rate register (addresses
0206h, 0207h) specifies the time elapse between tem-
perature-logging events. The sample rate is coded as an
unsigned 14-bit binary number with a maximum value
of 16,383. If EHSS = 1, the sample rate is in seconds.
If EHSS = 0, the sample rate is in minutes. The fatest
recommended sample rate is 5 minutes. Setting a sample
rate less than 3 minutes (180 seconds ESHSS = 1 or
3 minutes EHSS = 0) results in a failure on the XPC
Start Mission command with repeat code 77h Invalid
Parameter. The EHSS bit is located in the RTC Control
register at address 0212h. It is important that the user
sets the EHSS bit accordingly while setting the Sample
Rate register. During a mission, there is only read access
to these registers. Bits cells marked 0 always read 0 and
cannot be written to 1. See Table 3 for the bitmap.
Temperature Conversion
The DS1925 measures temperatures in the -40°C to
+85°C range. Temperature values are represented as an
8-bit or 16-bit unsigned binary number with a resolution of
0.5°C in the 8-bit mode and 0.0625°C in the 16-bit mode.
The higher temperature byte TRH is always valid. In 16-bit
mode, only the three highest bits of the lower byte TRL
are valid. The five lower bits all read 0. TRL is undefined
if the device is in 8-bit temperature mode. An out-of-range
temperature reading is indicated as 00h or 0000h when
too cold and FFh or FFE0h when too hot. See Table 4 for
the bitmap.
Table 2. Real-Time Clock and RTC Alarm Registers Bitmap
Table 3. Sample Rate Register Bitmap
Table 4. Latest Temperature Conversion Result Register Bitmap
Table 5. Temperature Conversion Examples
DS1925
iButton High-Capacity Temperature Logger
with 122KB Data-Log Memory
www.maximintegrated.com
Maxim Integrated │ 11
ADDR
b7
b6
b5
b4
b3
b2
b1
b0
0200h
LSByte Seconds
0201h
. . .
0202h
. . .
0203h
MSByte Seconds
ADDR
b7
b6
b5
b4
b3
b2
b1
b0
0206h
Sample Rate Low
0207h
0
0
Sample Rate High
ADDR
b7
b6
b5
b4
b3
b2
b1
b0
020Ch
T2
T1
T0
0
0
0
0
0
TRL
020Dh
T10
T9
T8
T7
T6
T5
T4
T3
TRH
MODE
TRH
TRL
J
= (°C)
DS1925
HEX
DECIMAL
HEX
DECIMAL
8-bit
54h
84
—
—
1.0
8-bit
17h
23
—
—
-29.5
16-bit
54h
84
00h
0
1.000
16-bit
17h
23
60h
96
-29.3125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com