Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1925 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # DS1925
Description  iButton High-Capacity Temperature Logger with 122KB Data-Log Memory
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1925 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button DS1925 Datasheet HTML 9Page - Maxim Integrated Products DS1925 Datasheet HTML 10Page - Maxim Integrated Products DS1925 Datasheet HTML 11Page - Maxim Integrated Products DS1925 Datasheet HTML 12Page - Maxim Integrated Products DS1925 Datasheet HTML 13Page - Maxim Integrated Products DS1925 Datasheet HTML 14Page - Maxim Integrated Products DS1925 Datasheet HTML 15Page - Maxim Integrated Products DS1925 Datasheet HTML 16Page - Maxim Integrated Products DS1925 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 46 page
background image
RTC Control
To minimize the DS1925’s power consumption, the RTC
oscillator should be turned off when device is not in use.
The oscillator on/off bit is located in the RTC Control reg-
ister (0212h). Turning the oscillator on when the device
is in clear memory state incurs an additional tSRTC delay.
This register also includes the EHSS bit, which deter-
mines whether the sample rate is specified in seconds or
minutes. Table 9 shows the register bitmap. See Table 10
for register descriptions. During a mission, there is only
read access to this register. Bits 7:2 have no function;
they always read 0 and cannot be written to 1.
Mission Control
The DS1925 is set up for its operation by writing appropri-
ate data to its special function registers, which are located
in the two register pages. The settings in the Mission
Control register determine which format (8 or 16 bits) is
to be used and whether old data can be overwritten by
new data, once the data-log memory is full. An additional
control bit can be set to tell the DS1925 to wait with log-
ging data until a temperature alarm is encountered. See
Table 11 for the register bitmap. During a mission, there is
only read access to this register. Bits 7:6 have no function;
they always read 1 and cannot be written to 0. Bits 1 and
3 control functions that are not available with the DS1925.
Bit 1 must be set to 0. Under this condition the setting of
bit 3 becomes a “don’t care.”
Table 9. RTC Control Register Bitmap
Table 10. RTC Control Register Bit Descriptions
Table 11. Mission Control Register Bitmap
Table 12. Mission Control Register Bit Descriptions
DS1925
iButton High-Capacity Temperature Logger
with 122KB Data-Log Memory
www.maximintegrated.com
Maxim Integrated │ 13
ADDR
b7
b6
b5
b4
b3
b2
b1
b0
0212h
0
0
0
0
0
0
EHSS
EOSC
BIT
NAME
FUNCTION
b1
EHSS
Enable High Speed Sample. This bit controls the speed of the sample rate counter. When set to logic 0,
the sample rate is specified in minutes. When set to logic 1, the sample rate is specified in seconds.
b0
EOSC
Enable Oscillator. This bit controls the crystal oscillator of the RTC. When set to logic 1, the oscillator
starts operation. When written to logic 0, the oscillator stops and the device is in a low-power data-
retention mode. This bit must be 1 for normal operation. XPC Start Mission command automatically
starts the RTC by changing the EOSC bit to logic 1.
ADDR
b7
b6
b5
b4
b3
b2
b1
b0
0213h
1
1
SUTA
1
(X)
TLFS
0
ETL
BIT
NAME
FUNCTION
b5
SUTA
Start Mission Upon Temperature Alarm. This bit specifies whether a mission begins
immediately (includes delayed start) or if a temperature alarm is required to start the
mission. If this bit is 1, the device performs an 8-bit temperature conversion at the
selected sample rate and begins with data logging only if an alarming temperature
(high alarm or low alarm) was found. The first logged temperature is when the alarm
occurred. However, the Mission Sample Counter does not increment. This functionality
is guaranteed by design and not production tested.
b2
TLFS
Temperature Logging Format Selection. This bit specifies the format used to store
temperature readings in the data-log memory. If this bit is 0, the data is stored in 8-bit
format. If this bit is 1, the 16-bit format is used (higher resolution). With 16-bit format,
the most significant byte is stored at the lower address.
b0
ETL
Enable Temperature Logging. To set up the device for a temperature-logging mission,
this bit must be set to logic 1. The recorded temperature values start at address 1000h.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com