Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1925 Datasheet(PDF) 30 Page - Maxim Integrated Products

Part # DS1925
Description  iButton High-Capacity Temperature Logger with 122KB Data-Log Memory
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1925 Datasheet(HTML) 30 Page - Maxim Integrated Products

Back Button DS1925 Datasheet HTML 26Page - Maxim Integrated Products DS1925 Datasheet HTML 27Page - Maxim Integrated Products DS1925 Datasheet HTML 28Page - Maxim Integrated Products DS1925 Datasheet HTML 29Page - Maxim Integrated Products DS1925 Datasheet HTML 30Page - Maxim Integrated Products DS1925 Datasheet HTML 31Page - Maxim Integrated Products DS1925 Datasheet HTML 32Page - Maxim Integrated Products DS1925 Datasheet HTML 33Page - Maxim Integrated Products DS1925 Datasheet HTML 34Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 46 page
background image
1-Wire Bus System
The 1-Wire bus is a system that has a single bus master
and one or more slaves. In all instances, the DS1925 is
a slave device. The bus master is typically a microcon-
troller. The discussion of this bus system is broken down
into three topics: hardware configuration, transaction
sequence, and 1-Wire signaling (signal types and timing).
The 1-Wire protocol defines bus transactions in terms of
the bus state during specific time slots that are initiated
on the falling edge of sync pulses from the bus master.
Hardware Configuration
The 1-Wire bus has only a single line by definition; it is
important that each device on the bus be able to drive
it at the appropriate time. To facilitate this, each device
attached to the 1-Wire bus must have open drain or three-
state outputs. The 1-Wire port of the DS1925 is open
drain with an internal circuit equivalent to that shown in
Figure 10.
A multidrop bus consists of a 1-Wire bus with multiple
slaves attached. At standard speed the 1-Wire bus has
a maximum data rate of 16.3kbps. The speed can be
boosted to 142kbps by activating the overdrive mode. The
DS1925 maximum data rate in standard speed mode is
15.4kbps and 125kbps in overdrive mode. The value of
the pullup resistor primarily depends on the network size
and load conditions. The DS1925 requires a pullup resis-
tor of maximum 2.2kΩ at any speed.
The idle state for the 1-Wire bus is high. If for any reason a
transaction needs to be suspended, the bus must be left in
the idle state if the transaction is to resume. If this does not
occur and the bus is left low for more than 16µs (overdrive
speed) or more than 120µs (standard speed), one or more
devices on the bus can be reset. With the DS1925 the
bus must be left low for no longer than 12µs at overdrive
to ensure that no DS1925 on the 1-Wire bus performs a
reset. The DS1925 communicates properly when used
in conjunction with a DS2480B or DS2490 1-Wire driver
and adapters that are based on these driver chips. During
designated periods the DS2480 or DS2490 strong pullup
feature must be enabled to provide sufficient power.
Table 26. Memory Access Conflicts and Remedy
Figure 10. Hardware Configuration
DS1925
iButton High-Capacity Temperature Logger
with 122KB Data-Log Memory
www.maximintegrated.com
Maxim Integrated │ 30
Rx
Tx
100Ω
MOSFET
DATA
DS1925 1-Wire PORT
DS9490
Rx = RECEIVE
Tx = TRANSMIT
COMMAND
INDICATION OF INTERFERENCE
REMEDY
XPC Commands
The data read changes to all FFh bytes or
all bytes received are FFh, including the
CRC at the end of the command flow.
Wait 20ms, 1-Wire reset, address the device, and repeat
the command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com