Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1925 Datasheet(PDF) 31 Page - Maxim Integrated Products

Part # DS1925
Description  iButton High-Capacity Temperature Logger with 122KB Data-Log Memory
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1925 Datasheet(HTML) 31 Page - Maxim Integrated Products

Back Button DS1925 Datasheet HTML 27Page - Maxim Integrated Products DS1925 Datasheet HTML 28Page - Maxim Integrated Products DS1925 Datasheet HTML 29Page - Maxim Integrated Products DS1925 Datasheet HTML 30Page - Maxim Integrated Products DS1925 Datasheet HTML 31Page - Maxim Integrated Products DS1925 Datasheet HTML 32Page - Maxim Integrated Products DS1925 Datasheet HTML 33Page - Maxim Integrated Products DS1925 Datasheet HTML 34Page - Maxim Integrated Products DS1925 Datasheet HTML 35Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 46 page
background image
Transaction Sequence
The protocol for accessing the DS1925 through the
1-Wire port is as follows:
● Initialization
● ROM Function Command
● Memory/Control Function Command
● Transaction/Data
Initialization
All transactions on the 1-Wire bus begin with an initializa-
tion sequence. The initialization sequence consists of a
reset pulse transmitted by the bus master followed by
presence pulse(s) transmitted by the slave(s). The pres-
ence pulse lets the bus master know that the DS1925 is
on the bus and is ready to operate. For more details, see
the 1-Wire Signaling section.
1-Wire ROM Function Commands
Once the bus master has detected a presence, it can
issue one of the eight ROM function commands that the
DS1925 supports. All ROM function commands are 8 bits
long. A list of these commands follows (see Figure 11).
Read ROM [33h]
This command allows the bus master to read the
DS1925’s 8-bit family code, unique 48-bit serial number,
and 8-bit CRC. This command can only be used if there
is a single slave on the bus. If more than one slave is
present on the bus, a data collision occurs when all slaves
try to transmit at the same time (open drain produces a
wired-AND result). The resultant family code and 48-bit
serial number results in a mismatch of the CRC.
Match ROM [55h]
The Match ROM command, followed by a 64-bit ROM
sequence, allows the bus master to address a specific
DS1925 on a multidrop bus. Only the DS1925 that exactly
matches the 64-bit ROM sequence responds to the fol-
lowing memory function command. All other slaves wait
for a reset pulse. This command can be used with a single
or multiple devices on the bus.
Search ROM [F0h]
When a system is initially brought up, the bus master might
not know the number of devices on the 1-Wire bus or their
registration numbers. By taking advantage of the wired-
AND property of the bus, the master can use a process of
elimination to identify the registration numbers of all slave
devices. For each bit of the registration number, starting
with the least significant bit, the bus master issues a triplet
of time slots. On the first slot, each slave device participat-
ing in the search outputs the true value of its registration
number bit. On the second slot, each slave device par-
ticipating in the search outputs the complemented value
of its registration number bit. On the third slot, the master
writes the true value of the bit to be selected. All slave
devices that do not match the bit written by the master
stop participating in the search. If both of the read bits are
zero, the master knows that slave devices exist with both
states of the bit. By choosing which state to write, the bus
master branches in the romcode tree. After one complete
pass, the bus master knows the registration number of a
single device. Additional passes identify the registration
numbers of the remaining devices. Refer to
Application
Note 187: 1-Wire Search Algorithm for a detailed dis-
cussion, including an example.
Conditional Search ROM [ECh]
The Conditional Search ROM command operates simi-
larly to the Search ROM command except that only those
devices that fulfill certain conditions participate in the
search. This function provides an efficient means for the
bus master to identify devices on a multidrop system that
have to signal an important event. After each pass of the
conditional search that successfully determined the 64-bit
ROM code for a specific device on the multidrop bus,
that particular device can be individually accessed as if a
Match ROM had been issued, since all other devices will
have dropped out of the search process and will be wait-
ing for a reset pulse.
The DS1925 responds to the conditional search if one of
the three alarm flags of the Alarm Status register (address
0214h) reads 1. The temperature alarm only occurs if
enabled (see the Temperature Sensor Alarm section).
The BOR alarm is always enabled. The first alarm that
occurs makes the device respond to the Conditional
Search ROM command.
DS1925
iButton High-Capacity Temperature Logger
with 122KB Data-Log Memory
www.maximintegrated.com
Maxim Integrated │ 31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com