Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1925 Datasheet(PDF) 29 Page - Maxim Integrated Products

Part # DS1925
Description  iButton High-Capacity Temperature Logger with 122KB Data-Log Memory
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1925 Datasheet(HTML) 29 Page - Maxim Integrated Products

Back Button DS1925 Datasheet HTML 25Page - Maxim Integrated Products DS1925 Datasheet HTML 26Page - Maxim Integrated Products DS1925 Datasheet HTML 27Page - Maxim Integrated Products DS1925 Datasheet HTML 28Page - Maxim Integrated Products DS1925 Datasheet HTML 29Page - Maxim Integrated Products DS1925 Datasheet HTML 30Page - Maxim Integrated Products DS1925 Datasheet HTML 31Page - Maxim Integrated Products DS1925 Datasheet HTML 32Page - Maxim Integrated Products DS1925 Datasheet HTML 33Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 46 page
background image
and the parameter is 01h, the device clears the mission log
memory, mission timestamp, mission samples counter, and
all alarm flags of the Alarm Status register. After these cells
are cleared, the MEMCLR bit of the General Status register
reads 1 to indicate the successful execution of the XPC
Clear Memory command. This command and parameter
clears the RTC (E0SC = 0). The Mission Backup registers
are written on a XPC Clear Memory (log) command. See
Figure 15.
If the parameter is 00h, only the 16 pages of user memory
are cleared. The RTC need not be enabled to clear the
user memory. The user memory can be cleared during a
mission.
XPC Forced Conversion [4Bh]
The XPC forced conversion command can be used to
measure the temperature without starting a mission. The
length for this XPC command is one byte which is the
command code. After the command code, the master
has to send one FFh byte to get the conversion started.
The conversion result is found as a 16-bit value in the
Latest Temperature Conversion Result register. This com-
mand is only executed if no mission is in progress (MIP
= 0). It takes maximum tLSTD to complete or tLSTD +
tSRTC if the device is in the Clear Memory state or in an
unknown state. After the delay, an additional FFh byte is
read followed by the temperature conversion result and a
CRC16. Additional measurements can then be taken by
issuing the first FFh byte again to repeat the sequence.
The Device Samples Counter does not increment for the
XPC Forced Conversion command.
XPC Read Battery Voltage [33h]
The XPC read battery voltage command can be used to
measure the current battery voltage. The length for this
XPC command is one byte which is the command code.
After the command code the master has to send one FFh
byte to get the voltage conversion started. This command
is only executed if no mission is in progress (MIP = 0). It
cannot be interrupted and takes maximum tLSTD to com-
plete or tLSTD + tSRTC if the device is in the Clear Memory
state or an unknown state. During this time, memory
access through the 1-Wire interface is blocked. The
device behaves the same way as during a mission when
the sampling interferes with a memory/control function
command. After the delay, an additional FFh byte is read
followed by the voltage conversion result and a CRC16.
The 16-bit integer results can be converted to a voltage
by dividing by 1024. Additional measurements can then
be taken by issuing the first FFh byte again to repeat the
sequence. This function is not available when the device
is in the start state from factory until an XPC clear memory
(log) sequence is done. At room temperature, a battery
voltage of 2.5V or lower is considered marginal.
Memory Access Conflicts
While a mission is in progress or while the device is
waiting for a temperature alarm to start a mission, peri-
odically a temperature sample is taken and logged. This
internal activity has priority over 1-Wire communica-
tion. Consequently, device-specific commands (excluding
ROM function commands, 1-Wire reset, and read/write
scratchpad for the DS1925) do not perform properly when
internal and external activities interfere with each other.
Not affected are the commands start mission, forced
conversion, and XPC clear memory (log), because they
are not applicable while a mission is in progress or while
the device is waiting for a temperature alarm. Table 26
explains how the remaining three commands are affected
by internal activity, how to detect this interference, and
how to work around it.
When writing driver software, it is important to know about
the possibility of interference and to take measures to
work around it.
Mission Backup Registers
The Mission Backup registers are used to provide a
recovery mechanism for a mission that stops due to a
depleted battery. The XPC Read Memory command func-
tions in a battery depleted condition. This condition is
detected if the backup RTC is all FFs, the backup Mission
Time Stamp is all FFs, the MIP bit is not set, and Mission
Samples Count is zero. The Mission Samples Count can
then be recovered by reading the log data until FFs are
detected. The Mission Time Stamp can be recovered from
the Mission Backup registers. See Figure 15 to see what
registers are written to the Mission Backup registers.
DS1925
iButton High-Capacity Temperature Logger
with 122KB Data-Log Memory
www.maximintegrated.com
Maxim Integrated │ 29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com