Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1925 Datasheet(PDF) 19 Page - Maxim Integrated Products

Part # DS1925
Description  iButton High-Capacity Temperature Logger with 122KB Data-Log Memory
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1925 Datasheet(HTML) 19 Page - Maxim Integrated Products

Back Button DS1925 Datasheet HTML 15Page - Maxim Integrated Products DS1925 Datasheet HTML 16Page - Maxim Integrated Products DS1925 Datasheet HTML 17Page - Maxim Integrated Products DS1925 Datasheet HTML 18Page - Maxim Integrated Products DS1925 Datasheet HTML 19Page - Maxim Integrated Products DS1925 Datasheet HTML 20Page - Maxim Integrated Products DS1925 Datasheet HTML 21Page - Maxim Integrated Products DS1925 Datasheet HTML 22Page - Maxim Integrated Products DS1925 Datasheet HTML 23Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 46 page
background image
If the Start Upon Temperature Alarm mode is chosen
(SUTA = 1) and temperature logging is enabled (ETL =
1), the DS1925 first waits until the start delay is over.
Then the device wakes up in intervals as specified by
the sample rate and EHSS bit and measure the tempera-
ture. This increments the Device Samples Counter and
Mission Samples Counter. The first sample of the mission
is logged when the temperature alarm occurred. All sub-
sequent log entries are made as specified by the value in
the Sample Rate register and the EHSS bit.
The general-purpose memory operates independently
of the other memory sections and is not write protected
during a mission. All the DS1925’s memory can be read
at any time, i.e., to watch the progress of a mission.
Attempts to read the passwords read FFh bytes instead of
the data that is stored in the password registers.
Memory Access
Address Registers and Transfer Status
Because of the serial data transfer, the DS1925 employs
three address registers: TA1, TA2, and E/S (Figure 8).
Registers TA1 and TA2 must be loaded with the target
address to which the data are written or from which
data are sent to the master upon a Read command.
Register E/S acts like a byte counter and transfer status
register. It is used to verify data integrity with Write com-
mands. Therefore, the master only has read access to
this register. The lower 5 bits of the E/S register indicate
the address of the last byte that has been written to the
scratchpad. This address is called Ending Offset. Bit 5 of
the E/S register, called PF or “partial byte flag,” is set if
the number of data bits sent by the master is not an inte-
ger multiple of 8. Bit 6 is always a 0. Note that the lowest
5 bits of the target address also determine the address
within the scratchpad, where intermediate storage of
data begins. This address is called byte offset. If the tar-
get address for a write command is 13Ch, for example,
then the scratchpad stores incoming data beginning at
the byte offset 1Ch and is full after only 4 bytes. The
corresponding ending offset in this example is 1Fh. For
best economy of speed and efficiency, the target address
for writing should point to the beginning of a page, i.e.,
the byte offset is 0. Thus, the full 32-byte capacity of the
scratchpad is available, resulting also in the ending offset
of 1Fh. The ending offset together with the PF is mainly a
means to support the master checking the data integrity
after a write command. The highest valued bit of the E/S
Register, called AA or “authorization accepted,” indicates
that a valid copy command for the scratchpad has been
received and executed. Writing data to the scratchpad
clears this flag.
Writing with Verification
To write data to the DS1925, the scratchpad has to be
used as intermediate storage. First, the master issues
the Write Scratchpad command to specify the desired
target address, followed by the data to be written to the
scratchpad. In the next step, the master sends the Read
Scratchpad command to read the scratchpad and to
verify data integrity. As preamble to the scratchpad data,
the DS1925 sends the requested target address TA1 and
TA2 and the contents of the E/S Register. If the PF flag
is set, data did not arrive correctly in the scratchpad. The
Figure 8. Address Registers
DS1925
iButton High-Capacity Temperature Logger
with 122KB Data-Log Memory
www.maximintegrated.com
Maxim Integrated │ 19
BIT
7
6
5
4
3
2
1
0
TARGET ADDRESS (TA1)
T7
T6
T5
T4
T3
T2
T1
T0
TARGET ADDRESS (TA2)
T15
T14
T13
T12
T11
T10
T9
T8
ENDING ADDRESS WITH
DATA STATUS (E/S)
(READ ONLY)
AA
0
PF
E4
E3
E2
E1
E0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com