Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1925 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # DS1925
Description  iButton High-Capacity Temperature Logger with 122KB Data-Log Memory
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1925 Datasheet(HTML) 3 Page - Maxim Integrated Products

  DS1925 Datasheet HTML 1Page - Maxim Integrated Products DS1925 Datasheet HTML 2Page - Maxim Integrated Products DS1925 Datasheet HTML 3Page - Maxim Integrated Products DS1925 Datasheet HTML 4Page - Maxim Integrated Products DS1925 Datasheet HTML 5Page - Maxim Integrated Products DS1925 Datasheet HTML 6Page - Maxim Integrated Products DS1925 Datasheet HTML 7Page - Maxim Integrated Products DS1925 Datasheet HTML 8Page - Maxim Integrated Products DS1925 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 46 page
background image
(VPUP = 3.0V to 5.25V, unless otherwise noted.)
Note 1: Limits are 100% tested at TA = +85°C (and/or TA = +25°C). Limits over the operating temperature and relevant supply volt-
age range are guaranteed by design and characterization.
Note 2: System requirement.
Note 3: Maximum allowable pullup resistance is a function of the number of 1-Wire devices in the system and 1-Wire recovery
times. The specified value here applies to systems with only one device and with the minimum 1-Wire recovery times. For
more heavily loaded systems, an active pullup such as that found in the DS2480B may be required.
Note 4: Typical value represents the internal parasite capacitance when VPUP is first applied. Once the parasite capacitance is
charged, it does not affect normal communication.
Note 5: VTL, VTH are a function of the internal supply voltage.
Note 6: Voltage below which, during a falling edge on IO, a logic 0 is detected.
Note 7: The voltage on IO must be less than or equal to VILMAX whenever the master drives the line low.
Note 8: Voltage above which, during a rising edge on IO, a logic 1 is detected.
Note 9: After VTH is crossed during a rising edge on IO, the voltage on IO must drop by VHY to be detected as logic 0.
DS1925
iButton High-Capacity Temperature Logger
with 122KB Data-Log Memory
www.maximintegrated.com
Maxim Integrated │ 3
Electrical Characteristics (continued)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
IO PIN: 1-Wire WRITE
Write-Zero Low Time
(Note 2)
tW0L
Standard speed
60
120
µs
Overdrive speed
6
16
Write-One Low Time (Notes
2, 12)
tW1L
Standard speed
5
15 - ε
µs
Overdrive speed
0.25
2 - ε
IO PIN: 1-Wire READ
Read Low Time
(Notes 2, 13)
tRL
Standard speed
5
15 - δ
µs
Overdrive speed
0.25
2 - δ
Read Sample Time
(Notes 2, 13)
tMSR
Standard speed
tRL + δ
15
µs
Overdrive speed
tRL + δ
2
REAL-TIME CLOCK
Accuracy
tACC
+25°C
1
Min/Month
Frequency Deviation
∆F
-40°C to +85°C
-300
+60
PPM
TEMPERATURE CONVERTER
Conversion Time
tCONV
10
ms
Thermal Response Time
Constant
tRESP
iButton package (Note 14)
130
s
Conv. Error
∆J
(Note 15)
-0.5
+0.5
°C
COMMAND DELAYS AND CURRENT
Standard Delay
tSTD
5
ms
Long Standard Delay
tLSTD
15
ms
XPC Clear Memory (Log)
tCML
1500
ms
RTC Start Delay from
Clear Memory State
tSRTC
(Note 16)
2000
ms
XPC Active Current
IXPCA
5
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com