Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1925 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # DS1925
Description  iButton High-Capacity Temperature Logger with 122KB Data-Log Memory
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1925 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button DS1925 Datasheet HTML 4Page - Maxim Integrated Products DS1925 Datasheet HTML 5Page - Maxim Integrated Products DS1925 Datasheet HTML 6Page - Maxim Integrated Products DS1925 Datasheet HTML 7Page - Maxim Integrated Products DS1925 Datasheet HTML 8Page - Maxim Integrated Products DS1925 Datasheet HTML 9Page - Maxim Integrated Products DS1925 Datasheet HTML 10Page - Maxim Integrated Products DS1925 Datasheet HTML 11Page - Maxim Integrated Products DS1925 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
Parasite Power
The block diagram (Figure 1) shows the parasite-powered
circuitry. This circuitry “steals” power whenever the I/O
input is high. I/O provides sufficient power as long as
the specified timing and voltage requirements are met.
The advantage of parasite power is that if the battery is
exhausted for any reason, the ROM and data log may still
be read.
64-Bit Unique ROM
Each DS1925 contains a unique ROM code that is 64 bits
long. The first 8 bits are a 1-Wire family code. The next
48 bits are a unique serial number. The last 8 bits are
a CRC of the first 56 bits. See Figure 3 for details. The
1-Wire CRC is generated using a polynomial generator
consisting of a shift register and XOR gates as shown in
Figure 4. The polynomial is X8 + X5 + X4 + 1. Additional
information about the Maxim Integrated 1-Wire Cyclic
Redundancy Check (CRC) is available in Application Note
27: Understanding and Using Cyclic Redundancy Checks
with Maxim 1-Wire and iButton Products.
The shift register bits are initialized to 0. Then starting with
the least significant bit of the family code, one bit at a time
is shifted in. After the 8th bit of the family code has been
entered, then the serial number followed by the tempera-
ture range code is entered. After the range code has been
entered, the shift register contains the CRC value. Shifting
in the 8 bits of CRC returns the shift register to all 0s.
Clear Memory State
The DS1925 enters a clear memory state if it is new or if an
XPC Clear Memory (log) sequence is done. In this state,
some commands that enable the RTC take extra time the
first time they are called. The commands that could incur this
additional delay (tSRTC) are XPC Copy Scratchpad (99h),
XPC Forced Conversion (4Bh), XPC Start Mission (DDh),
and XPC Read Battery Voltage (33h). This is a one-time
delay when coming out of the clear memory state.
Note: Any DS1925 device that is in an unknown state should
be assumed to require the additional delay of tSRTC to
ensure proper operation until the device state is established
by command or query. Failure to do so may cause the
device to experience a power-on-reset or battery-fail event,
setting the BOR alarm flag and disabling device features.
Figure 3. 64-Bit Unique ROM
Figure 4. 1-Wire CRC Generator
DS1925
iButton High-Capacity Temperature Logger
with 122KB Data-Log Memory
www.maximintegrated.com
Maxim Integrated │ 8
8-BIT CRC CODE
48-BIT SERIAL NUMBER
8-BIT FAMILY CODE [53h]
MSB
LSB
MSB
LSB MSB
LSB MSB
LSB
X0
INPUT DATA
1st
STAGE
2nd
STAGE
3rd
STAGE
4th
STAGE
5th
STAGE
6th
STAGE
7th
STAGE
8th
STAGE
X1
X2
X3
X4
X5
X6
X7
X8
POLYNOMIAL = X8 + X5 + X4 + 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com