Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9072 Datasheet(PDF) 42 Page - Dialog Semiconductor

Part # DA9072
Description  Ultra-Low Quiescent Current PMIC
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9072 Datasheet(HTML) 42 Page - Dialog Semiconductor

Back Button DA9072 Datasheet HTML 38Page - Dialog Semiconductor DA9072 Datasheet HTML 39Page - Dialog Semiconductor DA9072 Datasheet HTML 40Page - Dialog Semiconductor DA9072 Datasheet HTML 41Page - Dialog Semiconductor DA9072 Datasheet HTML 42Page - Dialog Semiconductor DA9072 Datasheet HTML 43Page - Dialog Semiconductor DA9072 Datasheet HTML 44Page - Dialog Semiconductor DA9072 Datasheet HTML 45Page - Dialog Semiconductor DA9072 Datasheet HTML 46Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 113 page
background image
DA9072
Ultra-Low Quiescent Current PMIC
Datasheet
Revision 3.0
14-Jun-2021
CFR0011-120-00
42 of 113
© 2021 Dialog Semiconductor
A fault triggered power cycle also disables VDD_SYS, creating a complete power system restart (a
host or user-initiated power cycle does not disable VDD_SYS).
Table 29: Power Cycle Faults
Power Cycle Fault
Triggers
0x0013
Register Bit
I2C Selectable
Register Reset
Battery Temp Sense HOT
0
YES
YES
Thermal Shutdown (OVT)
NA
Always On
YES
VBAT UVLO (in Active
Battery mode)
NA
Always On
YES
VDD_SYS UVLO
NA
Always On
YES
There are also three power cycle faults associated with the buck, listed in Table 30. Any of these
faults cause an immediate power cycle. Buck faults do not re-load the OTP register values and only
the buck restarts after a buck fault power cycle.
Table 30: BUCK Power Cycle Faults
Power Cycle Fault
Triggers
0x0013
Register Bit
I2C Selectable
Register Reset
BUCK OCP
4
YES
NO
BUCK OVP
NA
Always On
NO
BUCK UVP
6
YES
NO
4.7
Standalone Mode
The DA9072 can operate without I2C communication using external resistors to program three
settings. Fast charge current, input current limit, and termination and pre-charge current can be set
by external resistors at the ITER_CHG, ILIM_PWR and ILIM_CHG pins, respectively.
This feature is enabled by the RMEAS_EN bit (register 0x0020 [1]). Whenever VDD_PWR is
plugged-in, these three external resistors are evaluated and the control registers are set
appropriately. If the pins are connected to ground the internal register values are used.
If used, all three resistors must be installed. If any of the three pins are grounded all three currents
are determined by their respective register values.
The specification of RMEAS_EN register is described in Table 31.
Table 31: Enabling External Resistor Setting Mode
RMEAS_EN
(0x0020 [1])
External Resistance [
Ω]
Setting
0
N/A
Register settings used
1
0
Register settings used
1
> 0
Calculated from external resistance
4.7.1
Termination and Pre-Charge Current Programming
The pre-charge (ICHG_PRE) and termination (ITER) currents are the same value and set with the same
resistor. When using the external resistor setting method, they can be set to 5 %, 10 %, 15 %, or
20 % of the fast charge current, ICHG.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com