Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9072 Datasheet(PDF) 36 Page - Dialog Semiconductor

Part # DA9072
Description  Ultra-Low Quiescent Current PMIC
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9072 Datasheet(HTML) 36 Page - Dialog Semiconductor

Back Button DA9072 Datasheet HTML 32Page - Dialog Semiconductor DA9072 Datasheet HTML 33Page - Dialog Semiconductor DA9072 Datasheet HTML 34Page - Dialog Semiconductor DA9072 Datasheet HTML 35Page - Dialog Semiconductor DA9072 Datasheet HTML 36Page - Dialog Semiconductor DA9072 Datasheet HTML 37Page - Dialog Semiconductor DA9072 Datasheet HTML 38Page - Dialog Semiconductor DA9072 Datasheet HTML 39Page - Dialog Semiconductor DA9072 Datasheet HTML 40Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 113 page
background image
DA9072
Ultra-Low Quiescent Current PMIC
Datasheet
Revision 3.0
14-Jun-2021
CFR0011-120-00
36 of 113
© 2021 Dialog Semiconductor
4.4.3
Pre-Charge and Termination Current
In Pre-Charge mode, a constant low-level charge current is supplied to the battery, up to 50 mA.
Termination current is the charge current in CV mode at which charging is terminated. Both pre-
charge current and termination current are identical and cannot be controlled independently. The
current setting is selectable by the IPRETERM bits (register 0x0023 [6:0]) within a range of 0.5 mA to
50 mA. Pre-charge and termination currents can also be set by an external resistor connected to the
ITER_CHG pin.
Charge termination can be disabled by setting the termination enable bit, TE (register 0x0021
[4]) = 0. TS_WARM (register 0x0021 [5]) and TS_COOL (register 0x0021 [6]) conditions can also
optionally disable termination. This may be useful in conditions where the available charging current
is reduced due to system load, or when charge current is reduced due to fault conditions.
The pre-charge-to-fast-charge threshold voltage is programmable between 2.7 V and 3.2 V via
BPRECHG bits (register 0x0025 [2:0)]. The threshold has 200 mV of hysteresis. When VBAT rises
above the pre-charge threshold voltage, fast charging begins.
Pre-charging is indicated by an SYS_FLT interrupt and ISR_PRECHG event bit (register 0x0005 [2]).
4.4.4
Fast Charge Current
In Fast Charge mode, a constant charging current is supplied to the battery at up to 500 mA. Fast
charge current is selectable by the ICHG bits (register 0x0022 [6:0]). This can also be set by an
external resistor connected to ILIM_CHG pin. Charge current is programmable from 5 mA to 500 mA
with an accuracy of +/-5 % over the full range. Fast charge current settings down to 2 mA are
available with some OTP variants.
When VBAT reaches VBAT_CHG the device ends CC fast charge operation and starts CV operation.
4.4.5
CV Voltage Regulation and Termination
CV mode begins when the battery voltage rises into the regulation range. The regulated battery
voltage, VBAT_CHG, is set between 3.6 V and 4.65 V by the VBCHG bits (register 0x0024 [6:0].
Regulation accuracy is +/-0.5 % in CV mode.
When the DA9072 enters CV mode, charge current begins gradually decreasing, while battery
voltage remains regulated at VBAT_CHG. When charge current drops to the termination current
level, charging is terminated and the charge status, STS_CHG, changes to charge done.
Charge done is indicated by an SYS_FLT interrupt and event bit ISR_CHG_DONE (register
0x0005 [3]).
To ensure that the charging current is below the termination level, termination does not occur until
the peak current is below the threshold. In noisy conditions or at very low termination currents, the
average battery current at termination may be a few mA below the set threshold.
4.4.6
Charge Done and Recharge
To prevent rapid iterations of charging and discharging from the charge done state, there is 120 mV
of hysteresis below the CV regulation level, VRCH. Charging does not restart until VBAT falls below
this threshold. In addition, there is a 32 msec deglitch time for noise immunity.
Recharging starts automatically, when VBAT falls below the VRCH threshold. Recharging is
indicated by an SYS_FLT interrupt and event bit ISR_RECHG_START (register 0x0005 [4]).
4.4.7
Charge Faults
The DA9072 identifies multiple conditions as charge faults, indicated by the STS_CHG status bits
(register 0x0002 [5:4]). These conditions may reduce the charge current, reduce the target battery
voltage, or take other actions. All are indicated by an interrupt and event bit. When the charger is
unable to provide the programmed charge current to the battery, such as when VDD_PWR is in
current limit, the termination current is ignored and charging is allowed to continue until the safety
timer expires. All of the fault and event interrupts that affect charging are summarized in Table 26.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com