Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9072 Datasheet(PDF) 20 Page - Dialog Semiconductor

Part # DA9072
Description  Ultra-Low Quiescent Current PMIC
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9072 Datasheet(HTML) 20 Page - Dialog Semiconductor

Back Button DA9072 Datasheet HTML 16Page - Dialog Semiconductor DA9072 Datasheet HTML 17Page - Dialog Semiconductor DA9072 Datasheet HTML 18Page - Dialog Semiconductor DA9072 Datasheet HTML 19Page - Dialog Semiconductor DA9072 Datasheet HTML 20Page - Dialog Semiconductor DA9072 Datasheet HTML 21Page - Dialog Semiconductor DA9072 Datasheet HTML 22Page - Dialog Semiconductor DA9072 Datasheet HTML 23Page - Dialog Semiconductor DA9072 Datasheet HTML 24Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 113 page
background image
DA9072
Ultra-Low Quiescent Current PMIC
Datasheet
Revision 3.0
14-Jun-2021
CFR0011-120-00
20 of 113
© 2021 Dialog Semiconductor
2.4.8
Protection
Table 15: Protection
Parameter
Description
Conditions
Min
Typ
Max
Unit
Electrical Performance
VBAT_SHRT_T
HR
Battery short circuit threshold
Battery voltage falling
VDD_PWR = 5 V
2
V
VBAT_SHRT_H
YS
Hysteresis for VBAT_SHRT
100
mV
IBAT_SHRT
Battery short circuit charge
current
ITER
mA
VBAT_UVLO_T
HR
Battery under-voltage lockout
threshold range
Programmable range
100 mV steps VBAT falling
2.5
3
V
VBAT_UVLO_A
CC
Default battery under-voltage
lockout accuracy
VBAT_UVLO = 2.5 V
-3
3
%
VBAT_UVLO_H
YS
Battery under-voltage lockout
threshold hysteresis
200
mV
VDDPWR_OVP
VDD_PWR over-voltage
protection threshold voltage
VDD_PWR rising
5.35
5.55
5.75
V
VDDPWR_OVP_
HYS
Over-voltage protection
hysteresis
100
mV
tDEGLITCH_OV
P
Over-voltage protection
recovery deglitch time
VDD_PWR falling
32
ms
VSLP
Sleep entry threshold
VDD_PWR - VBAT
VDD_PWR falling
65
120
mV
VSLP_HYS
Sleep mode hysteresis
VDD_PWR rising
80
130
200
mV
TSHDN
Thermal shutdown
TJ
118
°C
THYS
Thermal shutdown hysteresis
TJ
20
°C
tDEGLITCH_TH_
SHDN
Thermal shutdown deglitch
time
TJ rising
1
ms
VDDPWR_UVL
O_HYS
VDD_PWR under-voltage
lockout threshold hysteresis
VDD_PWR falling
150
mV
VDDPWR_UVL
O_THR
VDD_PWR under-voltage
lockout threshold
VDD_PWR rising
3.4
3.6
3.8
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com