Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9072 Datasheet(PDF) 19 Page - Dialog Semiconductor

Part # DA9072
Description  Ultra-Low Quiescent Current PMIC
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9072 Datasheet(HTML) 19 Page - Dialog Semiconductor

Back Button DA9072 Datasheet HTML 15Page - Dialog Semiconductor DA9072 Datasheet HTML 16Page - Dialog Semiconductor DA9072 Datasheet HTML 17Page - Dialog Semiconductor DA9072 Datasheet HTML 18Page - Dialog Semiconductor DA9072 Datasheet HTML 19Page - Dialog Semiconductor DA9072 Datasheet HTML 20Page - Dialog Semiconductor DA9072 Datasheet HTML 21Page - Dialog Semiconductor DA9072 Datasheet HTML 22Page - Dialog Semiconductor DA9072 Datasheet HTML 23Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 113 page
background image
DA9072
Ultra-Low Quiescent Current PMIC
Datasheet
Revision 3.0
14-Jun-2021
CFR0011-120-00
19 of 113
© 2021 Dialog Semiconductor
Parameter
Description
Conditions
Min
Typ
Max
Unit
IBAT_ACT_BUC
K_ON_LDO_OFF
Battery discharge current in
Active Battery mode
0 °C < TJ < 85 °C
VDD_PWR < VDD_PWR_UVLO
Active Battery mode
Buck switching
LDO disabled
I2C enabled
MODE = low
VBAT_UVLO < VBAT < 4.65 V
1.1
μA
IBAT_SHIP
Battery discharge current in
Ship mode
0 °C < TJ < 85 °C
VDD_PWR = 0 V
Ship mode
2
200
nA
IIN_BUCK_ON
Supply current for control
VDD_PWR_UVLO < VDD_PWR <
VOVP and VDD_PWR > VBAT +
VSLP
Buck switching
0.8
3
mA
IIN_CHG_READ
Y
Supply current for control
0 °C < TJ < 85 °C
VDD_PWR = 5 V
Charge ready
1.5
mA
2.4.7
Power Path Management and Current Limit
Table 14: Power-Path Management and ILIM
Parameter
Description
Conditions
Min
Typ
Max
Unit
Electrical Performance
IUSBSUSPEND
Input current in USB
suspend mode
2.5
mA
VDROP_IN_TO_
VDD_SYS
VDD_PWR - VDD_SYS
VDD_PWR = 5 V
IIN = 300 mA
Includes ball resistance
125
170
mV
IDDPWR_LIM_M
AX
Input Current limit
Programmable Range MAX,
50 mA steps
600
mA
IDDPWR_LIM_M
IN
Input Current limit
Programmable Range MIN,
50 mA steps
50
mA
IDDPWR_LIM_A
CC_RNG_LO
Current limit accuracy
50 mA to 100 mA
-12
12
%
IDDPWR_LIM_A
CC_RNG_HI
Current limit accuracy
100 mA to 600 mA
-5
5
%
VDDPWR_IIN_D
WN
DPM threshold
At VDD_PWR, programmable
range, 100 mV steps
4.2
4.9
V
VDDPWR_IIN_D
WN_ACC
DPM threshold accuracy
-3
3
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com