Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9072 Datasheet(PDF) 5 Page - Dialog Semiconductor

Part # DA9072
Description  Ultra-Low Quiescent Current PMIC
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9072 Datasheet(HTML) 5 Page - Dialog Semiconductor

  DA9072 Datasheet HTML 1Page - Dialog Semiconductor DA9072 Datasheet HTML 2Page - Dialog Semiconductor DA9072 Datasheet HTML 3Page - Dialog Semiconductor DA9072 Datasheet HTML 4Page - Dialog Semiconductor DA9072 Datasheet HTML 5Page - Dialog Semiconductor DA9072 Datasheet HTML 6Page - Dialog Semiconductor DA9072 Datasheet HTML 7Page - Dialog Semiconductor DA9072 Datasheet HTML 8Page - Dialog Semiconductor DA9072 Datasheet HTML 9Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 113 page
background image
DA9072
Ultra-Low Quiescent Current PMIC
Datasheet
Revision 3.0
14-Jun-2021
CFR0011-120-00
5 of 113
© 2021 Dialog Semiconductor
6.1
Package Outlines .............................................................................................................. 110
6.2
Moisture Sensitivity Level.................................................................................................. 111
6.3
Soldering Information ........................................................................................................ 111
7
Ordering Information ................................................................................................................ 112
8
Application Information ............................................................................................................ 112
8.1
Recommended External Components .............................................................................. 112
Figures
Figure 1: System Diagram..................................................................................................................... 2
Figure 2: Pinout Diagram (Bottom View) ............................................................................................... 9
Figure 3: Buck Efficiency, VOUT = 1.8 V ............................................................................................... 24
Figure 4: Buck Regulation, VOUT = 1.8 V ............................................................................................. 24
Figure 5: Buck Efficiency, VOUT = 0.9 V ............................................................................................... 24
Figure 6: Buck Regulation, VOUT = 0.9 V ............................................................................................. 24
Figure 7: LDO0 Dropout, VIN = 3.15 V, VOUT Setting = 3.15 ................................................................ 25
Figure 8: LDO0 Regulation and Dropout, VOUT = 1.80 V..................................................................... 25
Figure 9: LDO1 and LDO2 Dropout, VIN = 3.3 V, VOUT Setting = 3.3 V ............................................... 25
Figure 10: LDO0 Regulation and Dropout, VOUT = 3.15 V................................................................... 25
Figure 11: LDO1 Regulation and Dropout, VOUT = 3.30 V................................................................... 25
Figure 12: LDO2 Load Regulation, VOUT = 3.30 V............................................................................... 25
Figure 13: LDO1 Regulation and Dropout, VOUT = 1.80 V................................................................... 26
Figure 14: LDO2 Regulation and Dropout, VOUT = 1.80 V................................................................... 26
Figure 15: Typical Buck Startup, VBAT = 3.6 V, VBUCK = 1.8 V and 0.9 V, 0 A ..................................... 26
Figure 16: VBAT IQ, Ship Mode ........................................................................................................... 26
Figure 17: VBAT IQ, Buck Switching, No Load, Hi-Z Mode ................................................................. 26
Figure 18: VDD_LDO IQ, No Load ....................................................................................................... 26
Figure 19: Charger Efficiency, VDD_PWR = 5 V ................................................................................ 27
Figure 20: Regions of Operation ......................................................................................................... 28
Figure 21: Battery Temperature Sensing with NTC ............................................................................ 31
Figure 22: Battery Temperature Sense Timing ................................................................................... 33
Figure 23: Typical Charging Example ................................................................................................. 35
Figure 24: VDD_PWR DPM Setting Recommendations (Based on Typical USB Cable Impedance) 40
Figure 25: Power Cycle by Push Button Timer ................................................................................... 41
Figure 26: Power Cycle by VDD_PWR Insertion ................................................................................ 41
Figure 27: Digital Pin Connections ...................................................................................................... 45
Figure 28: Watchdog Behavior ............................................................................................................ 46
Figure 29: PWR_FLT Configured as RIN_N Monitor .......................................................................... 46
Figure 30: PWR_FLT Configured as VDD_PWR Status Indicator...................................................... 47
Figure 31: RIN_N Pushbutton Reset Timer Timing Diagram .............................................................. 48
Figure 32: I2C Start and Stop Conditions ............................................................................................ 49
Figure 33: Example PCB Layout, Top Layer....................................................................................... 54
Figure 34: Example PCB Layout, Layer-2........................................................................................... 54
Figure 35: WLCSP-42 Package Outline Drawing, V3 Version.......................................................... 110
Figure 36: WLCSP-42 Package Outline Drawing, OH version ......................................................... 111
Tables
Table 1: Pin Description ........................................................................................................................ 9
Table 2: Pin Type Definition ................................................................................................................ 11
Table 3: Absolute Maximum Ratings................................................................................................... 12
Table 4: Electrostatic Discharge Ratings ............................................................................................ 12
Table 5: Recommended Operating Conditions ................................................................................... 12
Table 6: Battery Charger ..................................................................................................................... 13
Table 7: Battery Temperature Monitor ................................................................................................ 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com