Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9072 Datasheet(PDF) 29 Page - Dialog Semiconductor

Part # DA9072
Description  Ultra-Low Quiescent Current PMIC
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9072 Datasheet(HTML) 29 Page - Dialog Semiconductor

Back Button DA9072 Datasheet HTML 25Page - Dialog Semiconductor DA9072 Datasheet HTML 26Page - Dialog Semiconductor DA9072 Datasheet HTML 27Page - Dialog Semiconductor DA9072 Datasheet HTML 28Page - Dialog Semiconductor DA9072 Datasheet HTML 29Page - Dialog Semiconductor DA9072 Datasheet HTML 30Page - Dialog Semiconductor DA9072 Datasheet HTML 31Page - Dialog Semiconductor DA9072 Datasheet HTML 32Page - Dialog Semiconductor DA9072 Datasheet HTML 33Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 113 page
background image
DA9072
Ultra-Low Quiescent Current PMIC
Datasheet
Revision 3.0
14-Jun-2021
CFR0011-120-00
29 of 113
© 2021 Dialog Semiconductor
4.2
Battery-Powered Operation
Ship mode is an ultra-low leakage standby state that minimizes battery depletion while the product
sits on the shelf. Typical battery current in Ship mode is 5 nA.
There are two methods to enter Ship mode:
1. By register write:
a. Disconnect VDD_PWR
b. Set MODE pin high
c. Set EN_SHIPMODE bit (register 0x000D[0]) = 0x1
DA9072 enters Ship mode immediately. Note: If VDD_PWR is plugged in, Ship mode entry is
delayed until power is removed.
2. By pushbutton timer pin, RIN_N:
a. Disconnect VDD_PWR
b. Set MODE pin high
c. Enable RIN_N control of Ship mode: set RIN_N_RST_REC (register 0x0010 [1:0]) = 0x01
d. Pull RIN_N pin low for longer than the reset period, set by RIN_N_PER_RST (register
0x0010 [7:6])
The IC enters Ship mode when RIN_N is released (internally pulled up).
To exit Ship mode, apply VDD_PWR or toggle RIN_N low for longer than 50 ms. On waking from
Ship mode, all pre-programmed OTP values are loaded.
4.2.1
Active Battery and High Impedance Modes
Under battery power there are two modes of operation, both controlled by the MODE pin. A rising
edge on MODE puts DA9072 in Active Battery mode. In this mode, all functions are active.
Conversely, a falling edge on MODE puts DA9072 into Hi-Z mode, intended to be used during
system standby states with low power consumption.
In Hi-Z mode, the following communication functions are placed in a high impedance state to reduce
leakage from the battery:
● I2C interface
● SYS_FLT and PWR_FLT status outputs
● watchdog timer (WD)
All other functions and outputs remain active, with the exception of TSD.
CAUTION
The Thermal Shutdown function is not active in Hi-Z mode. Hi-Z mode should not be used in high power
dissipation or heavy load conditions.
Hi-Z mode can also be entered by setting the HZ_MODE bit (register 0x000D [1]) = 0x1; or by using
RIN_N pushbutton by setting RIN_N_RST_REC (register 0x0010 [1:0]) = 0x2 and pulling RIN_N low
for more than the RIN_N reset time (set by register RIN_N_PER_RST 0x0010 [7:6]).
DA9072 exits Hi-Z mode at a MODE pin rising edge or when VDD_PWR is applied. When
VDD_PWR is removed, DA9072 enters Active Battery mode regardless of the MODE pin state.
The behavior of the MODE pin depends on whether VDD_PWR is connected, shown in Table 21.
The MODE pin is internally pulled low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com