Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9072 Datasheet(PDF) 47 Page - Dialog Semiconductor

Part # DA9072
Description  Ultra-Low Quiescent Current PMIC
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9072 Datasheet(HTML) 47 Page - Dialog Semiconductor

Back Button DA9072 Datasheet HTML 43Page - Dialog Semiconductor DA9072 Datasheet HTML 44Page - Dialog Semiconductor DA9072 Datasheet HTML 45Page - Dialog Semiconductor DA9072 Datasheet HTML 46Page - Dialog Semiconductor DA9072 Datasheet HTML 47Page - Dialog Semiconductor DA9072 Datasheet HTML 48Page - Dialog Semiconductor DA9072 Datasheet HTML 49Page - Dialog Semiconductor DA9072 Datasheet HTML 50Page - Dialog Semiconductor DA9072 Datasheet HTML 51Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 113 page
background image
DA9072
Ultra-Low Quiescent Current PMIC
Datasheet
Revision 3.0
14-Jun-2021
CFR0011-120-00
47 of 113
© 2021 Dialog Semiconductor
VDD_PWR
VVDD_PWR_OVP
PWR_FLT
VVDD_PWR_UVLO
Figure 30: PWR_FLT Configured as VDD_PWR Status Indicator
The SYS_FLT output indicates interrupt events with a 128 µs pulse and can be configured to indicate
charging in progress. SYS_FLT is configured by SYS_FLT_MODE (register 0x0011 [0]), see Table
38.
Table 38: SYS_FLT Configuration
SYS_FLT_MODE Setting
Charge Indicator
IRQ Interrupt Polarity
0
Disabled
Active-low
1
SYS_FLT low when
charge in progress
Active-low when charge is not in-progress
Active-high when charge is in-progress
The SYS_FLT interrupt flag can be masked for each individual interrupt by setting its mask bit to 1.
Mask registers, SYS_IMR_<n>, are at registers 0x0008 through 0x000C. Masking an interrupt masks
the SYS_FLT flag but does not mask the event bit.
Once an interrupt has occurred, the SYS_FLT flag does not toggle a second time for the same
interrupt. The event bit must first be read cleared before SYS_FLT responds to that event again.
4.8.4
Pushbutton Reset Timer and Reset Output
The RIN_N input can be used to manually control DA9072 in Ship mode, Hi-Z mode, or when the
host has stalled. The pin has three functions: enter/exit Ship mode, enter Hi-Z mode, and toggle the
ROUT_N reset output. RIN_N is active in all modes of operation. The pin is internally pulled high and
can be pulled directly to ground with an external pushbutton to activate the timer.
When RIN_N is pulled low, a reset timer begins counting. There are three programmable RIN_N
timers; each associated with an event bit. Each time the RIN_N timer passes the programmable
count the SYS_FLT flag toggles, and a WAKE event bit is set. In this way, requests to the host can
be generated by pressing the button for different durations. The first two timers are WAKE1 and
WAKE2; the third timer is the RESET timer. If RIN_N is held low for the set RESET time, the DA9072
can be set to enter Ship mode, enter Hi-Z, or initiate a power cycle. The WAKE and RESET periods
are set as shown in Table 39.
Table 39: RIN_N Pushbutton Wake-Up Timer Control
Timer Name
Timer Control Bits
Programmable Period
WAKE1
RIN_N_PER_WAKE1
0x0010 [4]
50 ms
500 ms
WAKE2
RIN_N_PER_WAKE2
0x0010 [5]
1.0 s
1.5 s
RESET
RIN_N_PER_RST
0x0010 [7:6]
4 s
8 s
10 s
14 s
The timer status bits,ISR_RIN_N_WAKE2, ISR_RIN_N_WAKE1, and ISR_RIN_N_RST, are at
0x0007. As with all other events, the SYS_FLT flag can be masked. The RIN_N timing is described
in Figure 31.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com