Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9072 Datasheet(PDF) 32 Page - Dialog Semiconductor

Part # DA9072
Description  Ultra-Low Quiescent Current PMIC
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9072 Datasheet(HTML) 32 Page - Dialog Semiconductor

Back Button DA9072 Datasheet HTML 28Page - Dialog Semiconductor DA9072 Datasheet HTML 29Page - Dialog Semiconductor DA9072 Datasheet HTML 30Page - Dialog Semiconductor DA9072 Datasheet HTML 31Page - Dialog Semiconductor DA9072 Datasheet HTML 32Page - Dialog Semiconductor DA9072 Datasheet HTML 33Page - Dialog Semiconductor DA9072 Datasheet HTML 34Page - Dialog Semiconductor DA9072 Datasheet HTML 35Page - Dialog Semiconductor DA9072 Datasheet HTML 36Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 113 page
background image
DA9072
Ultra-Low Quiescent Current PMIC
Datasheet
Revision 3.0
14-Jun-2021
CFR0011-120-00
32 of 113
© 2021 Dialog Semiconductor
Equation 1:
����(��������) =
����(����������������) × ����(������������) × (
1
0.398
−
1
0.15
)
����(������������) × (
1
0.15
− 1) − ����(����������������) × (
1
0.398
− 1)
Equation 2:
����(��������) =
(
1
0.398
− 1)
(
1
����(��������)
+
1
����(����������������)
)
Where
● R(HOT) = the NTC resistance at the hot temperature
● R(COLD) = the NTC resistance at the cold temperature
The cool and warm thresholds are not independently programmable and are fixed once the cold and
hot values are determined. The cool and warm thresholds can be determined by the NTC value at
the threshold:
Equation 3:
����(����������������) =
����(��������) × ����(��������) × 0.35
����(��������) − ����(��������) × 0.35 − ����(��������) × 0.35
Equation 4:
����(����������������) =
����(��������) × ����(��������) × 0.205
����(��������) − ����(��������) × 0.205 − ����(��������) × 0.205
Where
● R(COOL) = the NTC resistance at the cool temperature
● R(WARM) = the NTC resistance at the warm temperature
Temp Sense Modes of Operation
The DA9072 provides two modes of battery temperature sense control: Auto mode and Host Control
mode. In Auto mode, the DA9072 enables the VTEMP voltage every 2 s or every 50 ms depending
on the VDD_PWR state. At the start of each cycle, the VTEMP voltage is activated for 10 ms after
which the TEMP_SNS voltage is checked. This timing is shown in Figure 22.
Auto mode does not rely on the host to operate; therefore, it is ideally suited to provide continuous
safety monitoring.
In battery powered operation, VTEMP is enabled for only 0.5 % of the time which reduces the typical
current required for temperature sensing to less than 1 µA.
While VDD_PWR is applied, the Temp Sense function is in Auto mode and host control of the
VTEMP period is not available. This is illustrated in the Active Power section of Figure 22.
If lower current consumption is needed, temperature sensing can be controlled by the host. In host-
controlled mode, an I2C command activates the same 10 ms VTEMP and TEMPS_SNS cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com