Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9072 Datasheet(PDF) 14 Page - Dialog Semiconductor

Part # DA9072
Description  Ultra-Low Quiescent Current PMIC
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9072 Datasheet(HTML) 14 Page - Dialog Semiconductor

Back Button DA9072 Datasheet HTML 10Page - Dialog Semiconductor DA9072 Datasheet HTML 11Page - Dialog Semiconductor DA9072 Datasheet HTML 12Page - Dialog Semiconductor DA9072 Datasheet HTML 13Page - Dialog Semiconductor DA9072 Datasheet HTML 14Page - Dialog Semiconductor DA9072 Datasheet HTML 15Page - Dialog Semiconductor DA9072 Datasheet HTML 16Page - Dialog Semiconductor DA9072 Datasheet HTML 17Page - Dialog Semiconductor DA9072 Datasheet HTML 18Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 113 page
background image
DA9072
Ultra-Low Quiescent Current PMIC
Datasheet
Revision 3.0
14-Jun-2021
CFR0011-120-00
14 of 113
© 2021 Dialog Semiconductor
Parameter
Description
Conditions
Min
Typ
Max
Unit
VTHR_PRE_TO
_FASTCHG
Pre charge to fast charge
threshold voltage range
2.7
3.2
V
ICHG_PRE_ACC
Pre-charge current accuracy
VBAT > 2V
-10
10
%
VRCHG
Recharge threshold voltage
VBAT below VBAT_CHG
100
120
140
mV
tRCHG_DEGLIT
CH
Recharge threshold deglitch
time
tFALL = 100 ns (typ), VRCHG
falling
32
ms
2.4.2
Battery Temperature Monitor
Table 7: Battery Temperature Monitor
Parameter
Description
Conditions
Min
Typ
Max
Unit
Electrical Performance
VTEMP_HI
High temperature threshold
% of VDD_SYS, VTEMP_SNS
falling
14.5
15
15.2
%
VTEMP_WARM
Warm threshold
% of VDD_SYS, VTEMP_SNS
falling
20.1
20.5
20.8
%
VTEMP_COOL
Cool threshold
% of VDD_SYS, VTEMP_SNS
rising
34.4
35
35.4
%
VTEMP_LO
Low temperature threshold
% of VDD_SYS, VTEMP_SNS rising
39.3
39.8
40.2
%
VOFF_TEMP_S
NS
TEMP_SNS disable
threshold
% of VDD_SYS for rising
VTEMP_SNS
55
60
%
tTEMP_SNS_DE
GLITCH
TEMP_SNS deglitch time
TEMP_SNS at any threshold
10
ms
2.4.3
LDO / Load Switches
Table 8: LDO0 / Loadswitch (LV)
Parameter
Description
Conditions
Min
Typ
Max
Unit
Electrical Performance
VIN_LDSW_0
Input voltage range for
LDSW
Load Switch mode VDD_LDO >
VLDO
0.8
5.5
V
VIN_LDO_0
Input voltage range for LDO
LDO mode, VDD_LDO > VLDO
1.8
5.5
V
VOUT_ACC_LO
_0
DC output accuracy
VDD_LDO > VLDO + 0.2 V
-3
3
%
VOUT_LDO_0
Output range
Programmable range, 50 mV
or 75 mV steps
0.8
3.15
V
VOUT_LINE_0
DC line regulation
1.8 V < VDD_LDO < 5.5 V
IOUT
= 500 μA
-0.8
0.8
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com