Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9072 Datasheet(PDF) 28 Page - Dialog Semiconductor

Part # DA9072
Description  Ultra-Low Quiescent Current PMIC
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9072 Datasheet(HTML) 28 Page - Dialog Semiconductor

Back Button DA9072 Datasheet HTML 24Page - Dialog Semiconductor DA9072 Datasheet HTML 25Page - Dialog Semiconductor DA9072 Datasheet HTML 26Page - Dialog Semiconductor DA9072 Datasheet HTML 27Page - Dialog Semiconductor DA9072 Datasheet HTML 28Page - Dialog Semiconductor DA9072 Datasheet HTML 29Page - Dialog Semiconductor DA9072 Datasheet HTML 30Page - Dialog Semiconductor DA9072 Datasheet HTML 31Page - Dialog Semiconductor DA9072 Datasheet HTML 32Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 113 page
background image
DA9072
Ultra-Low Quiescent Current PMIC
Datasheet
Revision 3.0
14-Jun-2021
CFR0011-120-00
28 of 113
© 2021 Dialog Semiconductor
4
Functional Description
4.1
Overview
In a typical application, DA9072 manages two power inputs: a battery at pin VBAT and a USB supply
at pin VDD_PWR. The larger of these supplies feeds the unregulated system output voltage at pin
VDD_SYS. VDD_SYS in turn is used as the input supply to the linear charger, buck, and LDOs. Due
to its extremely low IQ (< 1 µA), the buck can remain always on as the primary system power rail
without draining the battery excessively.
When USB power is present, VDD_SYS is near 5 V and the linear charger is active. When USB
power in not connected, VDD_SYS tracks the battery voltage. DA9072 actively manages this power
path, reducing charging current and input current as necessary, and allowing VDD_SYS to draw
current from both supplies during peak loads.
The DA9072 includes multiple configurable protection features including battery and input over-
current. All settings can be controlled by I2C, but stand-alone operation is also possible with features
such as a pushbutton input timer, resistor programmable charge settings, and the MODE pin to
enable and disable charging.
As there are two input sources, DA9072 has multiple regions of operation, see Figure 20.
VDD_PWR
VBAT
5.5 V
VDD_PWR
UVLO (3.4 V)
VBAT_UVLO
(2.0 V to 3.0 V)
POR
4.65 V
20 V
OVP
SLEEP
ACTIVE POWER / CHARGING
ACTIVE BATTERY,
HiZ, or SHIP
UVLO
Figure 20: Regions of Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com