Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9072 Datasheet(PDF) 2 Page - Dialog Semiconductor

Part # DA9072
Description  Ultra-Low Quiescent Current PMIC
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9072 Datasheet(HTML) 2 Page - Dialog Semiconductor

  DA9072 Datasheet HTML 1Page - Dialog Semiconductor DA9072 Datasheet HTML 2Page - Dialog Semiconductor DA9072 Datasheet HTML 3Page - Dialog Semiconductor DA9072 Datasheet HTML 4Page - Dialog Semiconductor DA9072 Datasheet HTML 5Page - Dialog Semiconductor DA9072 Datasheet HTML 6Page - Dialog Semiconductor DA9072 Datasheet HTML 7Page - Dialog Semiconductor DA9072 Datasheet HTML 8Page - Dialog Semiconductor DA9072 Datasheet HTML 9Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 113 page
background image
DA9072
Ultra-Low Quiescent Current PMIC
Datasheet
Revision 3.0
14-Jun-2021
CFR0011-120-00
2 of 113
© 2021 Dialog Semiconductor
System Diagram
VBAT_SNS
GND
VTEMP Control
NTC Monitor
TEMP_SNS
ILIM_PWR
ILIM_CHG
ITER_CHG
DA9072
Standalone Mode
BATTERY
PACK
VBAT
AGND
VDD_PWR
1.0µF
USB
VDD_SYS
vdd_sys
4.7µF
VTEMP
+
-
Charger and
Power Path
Control
20V OVP
Protection
MODE
PWR_FLT
SYS_FLT
SDA
SCL
ROUT_N
WD
Host
VDDIO
Host
Communication
RIN_N
PUSHBUTTON RESET
PGND_BUCK
FB_BUCK
SW_BUCK
Vo_buck
0.6V
– 2.1V
300mA
VDD_BUCK
vdd_sys
LDO1
0.8V
– 3.3V
150mA
LDO2
0.8V
– 3.3V
150mA
LDO 0
(LV)
VLDO0
VDD_LDO0
LDO0
0.8V
– 3.15V
150mA
Vo_buck
LDO 1
(HV)
VLDO1
VDD_LDO1
LDO 2
(HV)
VLDO2
VDD_LDO2
Buck
Vo buck
2.2µH
10µF
vdd_sys
2.2µF
1µF
VBAT_DIV
GND_DIV
IMON
ADC
(fuel gauge)
Analog Battery
Monitors
Figure 1: System Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com