Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9072 Datasheet(PDF) 16 Page - Dialog Semiconductor

Part # DA9072
Description  Ultra-Low Quiescent Current PMIC
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9072 Datasheet(HTML) 16 Page - Dialog Semiconductor

Back Button DA9072 Datasheet HTML 12Page - Dialog Semiconductor DA9072 Datasheet HTML 13Page - Dialog Semiconductor DA9072 Datasheet HTML 14Page - Dialog Semiconductor DA9072 Datasheet HTML 15Page - Dialog Semiconductor DA9072 Datasheet HTML 16Page - Dialog Semiconductor DA9072 Datasheet HTML 17Page - Dialog Semiconductor DA9072 Datasheet HTML 18Page - Dialog Semiconductor DA9072 Datasheet HTML 19Page - Dialog Semiconductor DA9072 Datasheet HTML 20Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 113 page
background image
DA9072
Ultra-Low Quiescent Current PMIC
Datasheet
Revision 3.0
14-Jun-2021
CFR0011-120-00
16 of 113
© 2021 Dialog Semiconductor
Parameter
Description
Conditions
Min
Typ
Max
Unit
VOUT_LINE_1
DC line regulation
1.8 V < VDD_LDO < 5.5 V
IOUT = 500
μA
-0.8
0.8
%
VOUT_LD_1
DC load regulation
2
μA < IOUT < 100 mA
VDD_LDO > VOUT_LDO + 0.2 V
VLDO = 3.0 V
-3
0
%
VOUT_TR_LD_1
Load transient
2 μA to 100 mA, 100
mA/μsec
VDD_LDO > VLDO + 0.2 V
VLDO = 3.0 V
-120
60
mV
RON_LDSW_ILI
M_1
On resistance of LDSW
mode with current limit
VDD_LDO = 3.7 V
1.5
Ω
RON_LDSW_N
O_ILIM_1
On resistance of LDSW
mode without current limit
VDD_LDO = 3.7 V
0.27
Ω
RDCHG_LDO_O
N_1
MOSFET on resistance for
LDO discharge
ILD = -10 mA
32
Ω
ILIM_OUT_LDO_
1
Output current limit (LDO
MODE)
VLDO = 0.9 * VLDO(nom)
155
mA
IOUT_LDO_HI1_
1
Output current
VDD_LDO > VLDO + 0.2 V
150
mA
IIN_LDO_ON_1
Quiescent current
LDO mode
0.8
μA
IIN_LDO_OFF_1
OFF state supply current
0.001
μA
PSRR_vddldo
_1
Power supply rejection ratio
@10 kHz
IOUT = 75 mA
40
dB
tSTART_LDO1
LDO start-up delay time
20
ms
Table 10: LDO2 / Loadswitch (HV+Power cycle)
Parameter
Description
Conditions
Min
Typ
Max
Unit
Electrical Performance
VIN_LDSW_2
Input voltage range for Load
Switch
Load Switch mode, VDD_LDO >
VLDO
0.8
5.5
V
VIN_LDO_2
Input voltage range for LDO
LDO mode, VDD_LDO > VLDO
1.8
5.5
V
VOUT_ACC_LO
_2
DC output accuracy
VDD_LDO > VLDO + 0.2 V
-3
3
%
VOUT_LDO_2
Output range for LDO
Programmable range, 50 mV
or 75 mV steps
0.8
3.3
V
VOUT_LINE_2
DC line regulation
1.8 V < VDD_LDO < 5.5 V
IOUT
= 500 μA
-0.8
0.8
%
VOUT_LD_2
DC load regulation
2
μA < IOUT < 100 mA
VDD_LDO > VOUT_LDO + 0.2 V
VLDO = 3.0 V
-3
0
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com