Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9072 Datasheet(PDF) 45 Page - Dialog Semiconductor

Part # DA9072
Description  Ultra-Low Quiescent Current PMIC
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9072 Datasheet(HTML) 45 Page - Dialog Semiconductor

Back Button DA9072 Datasheet HTML 41Page - Dialog Semiconductor DA9072 Datasheet HTML 42Page - Dialog Semiconductor DA9072 Datasheet HTML 43Page - Dialog Semiconductor DA9072 Datasheet HTML 44Page - Dialog Semiconductor DA9072 Datasheet HTML 45Page - Dialog Semiconductor DA9072 Datasheet HTML 46Page - Dialog Semiconductor DA9072 Datasheet HTML 47Page - Dialog Semiconductor DA9072 Datasheet HTML 48Page - Dialog Semiconductor DA9072 Datasheet HTML 49Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 113 page
background image
DA9072
Ultra-Low Quiescent Current PMIC
Datasheet
Revision 3.0
14-Jun-2021
CFR0011-120-00
45 of 113
© 2021 Dialog Semiconductor
DA9072
Host
SCL
MODE
ROUT_N
SYS_FLT
PWR_FLT
RIN_N
(always-on)
WD
SDA
Figure 27: Digital Pin Connections
4.8.1
Watchdog Input and Timer
A programmable watchdog timer, WD, is available to detect a stall in the host. The WD function is
enabled or disabled by bit WD_EN (register 0x0014 [1:0]). Each time the host initiates I2C or toggles
the watchdog input, the timer resets. If no host activity is detected within the timeout period, the
DA9072 toggles the SYS_FLT flag and sets the WD event bit, ISR_WD (register 0x0007 [4]), to 1.
If the register reset on timeout option is enabled, bit WD_RST_REGS_EN (register 0x0014 [7]) the
outputs are disabled for a period of typically 20 msec and then re-enabled to reset the host. The
watchdog is automatically re-activated and the pre-programmed OTP values are loaded (except for
RIN_N_RST_ROUT_EN and RIN_N_RST_REC at register 0x0010 [3:0]).
The watchdog timeout period, tWATCHDOG in Figure 28, is programmable to 25 s or 50 s via
WD_TMR_PER (register 0x0014 [5:4]). Optionally, the WD function can also toggle the ROUT_N pin,
this is enabled by WD_ROUT_EN (register 0x0014 [6]).
The WD_EN bits (register 0x0014 [1:0]) selects when the watchdog timer is enabled in different
modes, see Table 36.
Table 36: Watchdog Timer Enable Settings for Different Modes
WD_EN
Charge Mode
Active Battery Mode
Hi-Z Mode
0x00
Disable
Disable
Disable
0x01
Enable
Disable
Disable
0x02
Enable
Enable
Disable
0x03
Enable
Enable
Enable
The WD_CLR_SEL bits (register 0x0014 [3:2]) select which activity the WD uses to clear the timer,
see Table 37.
Table 37: Watchdog Timer Clear Settings
WD_CLR_SEL
Description
0x00
Only I2C clears the timer
0x01
Only WD pin clears the timer
0x02
Both I2C and WD pin clear the timer
0x03
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com