Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9072 Datasheet(PDF) 10 Page - Dialog Semiconductor

Part # DA9072
Description  Ultra-Low Quiescent Current PMIC
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9072 Datasheet(HTML) 10 Page - Dialog Semiconductor

Back Button DA9072 Datasheet HTML 6Page - Dialog Semiconductor DA9072 Datasheet HTML 7Page - Dialog Semiconductor DA9072 Datasheet HTML 8Page - Dialog Semiconductor DA9072 Datasheet HTML 9Page - Dialog Semiconductor DA9072 Datasheet HTML 10Page - Dialog Semiconductor DA9072 Datasheet HTML 11Page - Dialog Semiconductor DA9072 Datasheet HTML 12Page - Dialog Semiconductor DA9072 Datasheet HTML 13Page - Dialog Semiconductor DA9072 Datasheet HTML 14Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 113 page
background image
DA9072
Ultra-Low Quiescent Current PMIC
Datasheet
Revision 3.0
14-Jun-2021
CFR0011-120-00
10 of 113
© 2021 Dialog Semiconductor
Pin #
Pin Name
Type
(Table 2)
Description
B1, B2
VBAT
POWER
Battery connection. Connect to the positive terminal of the
battery. Bypass to ground with a minimum 1 µF ceramic
capacitor.
B3
IMON
AO
Battery discharge current monitor output.
B4
TEMP_SNS
AI
Battery pack NTC monitor. Connect to a resistive network
and thermistor.
B5
SYS_FLT
DOD
Open drain status output. Connect to VDDIO through a
1
kΩ to 100 kΩ pull-up resistor.
B6
SDA
DIO
I2C interface data. Connect SDA to VDDIO through a 2 k
Ω
to10 k
Ω pull-up resistor.
B7
FB_BUCK
AI
Buck output voltage feedback connection.
C1
VBAT_SNS
AI
Battery voltage sense connection. Connect to the positive
battery terminal.
C2
ITER_CHG
AI
Termination current setting pin. Connect a resistor between
ITER_CHG and ground to set the pre-charge and
termination currents (ITER). Alternatively, short this pin to
ground to allow ITER to be programmed by register setting.
C3
ILIM_CHG
AI
Fast-charge current setting pin. Connect a resistor
between ILIM_CHG and ground to set the fast-charge
current (ICHG). Alternatively, short this pin to ground to
allow ICHG to be programmed by register setting.
C4
WD
DI
Watchdog input. Toggle WD within the watchdog time-out
period to avoid power reset.
C5
RIN_N
DI
Manual reset input pin. RIN_N is internally pulled high.
Pulling this pin low wakes up the device from Ship mode or
performs a reset.
C6
SCL
DI
I2C interface clock. Connect SCL to VDDIO through a
2 k
Ω to10 kΩ pull-up resistor.
C7
AGND
GND
Quiet ground connection. Connect to a quiet ground area.
D2
ILIM_PWR
AI
Input current limit setting pin. Connect a resistor between
ILIM_PWR and ground to set the VDD_PWR current limit
(ILIM). Alternatively, short this pin to ground to allow ILIM
to be programmed by register.
D4
VBAT_DIV
AO
Battery voltage divider, positive output.
D5
MODE
DI
Mode control input pin. MODE is internally pulled low. If
VDD_PWR is powered, driving MODE high disables
charging. If VDD_PWR is unpowered, driving MODE low
enables Hi-Z mode.
D6
ROUT_N
DOD
Reset output pin. Connect this open-drain output to VDDIO
through a 1 k
Ω to 100 kΩ pull-up resistor.
D7
PWR_FLT
DOD
Power status indicator output. Connect this open-drain
output to VDDIO through a 1
kΩ to 100 kΩ pull-up resistor.
PWR_FLT pulls low when VDD_PWR is plugged into a
valid power source.
E2
VTEMP
AO
Switched VDD_SYS supply for battery temp sense resistor
divider.
E3
VDDIO
POWER
IO voltage.
E4
GND_DIV
AO
Battery voltage divider, ground reference.
E5
VDD_LDO2
POWER
Input to Load Switch / LDO2. Bypass to ground with a
minimum 1 µF ceramic capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com